Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1706 Datasheet(PDF) 2 Page - IXYS Corporation

Part # CPC1706
Description  High Reliability
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1706 Datasheet(HTML) 2 Page - IXYS Corporation

  CPC1706 Datasheet HTML 1Page - IXYS Corporation CPC1706 Datasheet HTML 2Page - IXYS Corporation CPC1706 Datasheet HTML 3Page - IXYS Corporation CPC1706 Datasheet HTML 4Page - IXYS Corporation CPC1706 Datasheet HTML 5Page - IXYS Corporation CPC1706 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
2
R04
CPC1706
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Typical values are characteristic of the device at +25°C,
and are the result of engineering evaluations. They are
provided for information purposes only, and are not part of
the manufacturing testing requirements.
Absolute Maximum Ratings @ 25ºC
Parameter
Min
Max
Units
Blocking Voltage
-
60
V
P
Reverse Input Voltage
-
5
V
Input control Current
-
50
mA
Peak (10ms)
-
1
A
Input Power Dissipation 1
-
150
mW
Total Power Dissipation 2
-
1600
mW
Isolation Voltage, Input to Output
-
2500
V
rms
Operational Temperature
-40
+85
°C
Storage Temperature
-40
+125
°C
1 Derate linearly 3.33 mW / ºC
2 Derate linearly 16.667 mW / ºC
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Load Current, Continuous
I
F=5mA, Free air
I
L
--
4
A
DC
Peak Load Current
I
F=5mA, t=10ms
I
LPK
--
9
A
On-Resistance 1
I
F=5mA, IL=1A
R
ON
-
0.07
0.09
Off-State Leakage Current
I
F=0mA, VL=60VP
I
LEAK
--
1
µA
Switching Speeds
Turn-On
I
F=5mA, VL=10V
t
on
-
0.5
5
ms
Turn-Off
t
off
-
0.085
2
Output Capacitance
I
F=0mA, VL=50V, f=1MHz
C
OUT
-75
-
pF
Input Characteristics
Input Control Current to Activate
I
L=1A
I
F
-
1.4
5
mA
Input Control Current to Deactivate
-
I
F
0.4
-
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Current
V
R=5V
I
R
-
-
10
µA
Input/Output Characteristics
Capacitance Input-to-Output
V
IO=0V, f=1MHz
C
IO
-2
-
pF
1
Measurement taken within 1 second of on-time.
Electrical Characteristics @ 25ºC (Unless Otherwise Noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Thermal Impedance (junction to case)
-
JC
-
1.5
-
°C/W
Thermal Characteristics



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com