Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1706 Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC1706
Description  High Reliability
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1706 Datasheet(HTML) 3 Page - IXYS Corporation

  CPC1706 Datasheet HTML 1Page - IXYS Corporation CPC1706 Datasheet HTML 2Page - IXYS Corporation CPC1706 Datasheet HTML 3Page - IXYS Corporation CPC1706 Datasheet HTML 4Page - IXYS Corporation CPC1706 Datasheet HTML 5Page - IXYS Corporation CPC1706 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1706
www.ixysic.com
3
R04
* The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
LED Forward Voltage (V)
1.235 1.240 1.245 1.250 1.255 1.260 1.265
0
5
10
15
20
25
30
Typical LED Forward Voltage Drop
(N=50, I
F=5mA)
Turn-On Time (ms)
0.290 0.375 0.460 0.545 0.630 0.715 0.800
0
5
10
15
20
25
Typical Turn-On Time
(N=50, I
F=5mA, IL=75mA)
Turn-Off Time (ms)
0.075 0.080 0.085 0.090 0.095 0.100 0.105
0
5
10
15
20
Typical Turn-Off Time
(N=50, I
F=5mA, IL=75mA)
LED Current (mA)
1.1
1.2
1.4
1.5
1.6
1.8
0
5
10
15
20
Typical I
F for Switch Operation
(N=50, I
L=1A)
On-Resistance ( )
0.058 0.062 0.066 0.070 0.074 0.078 0.082
0
5
10
15
20
Typical On-Resistance Distribution
(N=50, I
F=5mA, IL=1A)
Blocking Voltage (V
P)
81.0
81.5
82.0
82.5
83.0
83.5
84.0
0
5
10
15
20
Typical Blocking Voltage Distribution
(N=50)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.3
1.4
1.5
1.6
1.7
1.8
Typical I
F for Switch Operation
vs. Temperature
(I
L=1A)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
200
250
300
350
400
450
500
550
600
650
Typical Turn-On vs. Temperature
(I
L=75mA)
I
F=5mA
I
F=10mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
70
80
90
100
110
120
130
Typical Turn-Off vs. Temperature
(I
L=75mA)
I
F=5mA
I
F=10mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.1
1.2
1.3
1.4
1.5
1.6
Typical LED Forward Voltage Drop
vs. Temperature
I
F=50mA
I
F=20mA
I
F=10mA
I
F=5mA
LED Forward Current (mA)
0
1020
304050
0
200
400
600
800
1000
1200
Typical Turn-On
vs. LED Forward Current
(I
L=75mA)
LED Forward Current (mA)
0
1020
304050
85
90
95
100
105
Typical Turn-Off
vs. LED Forward Current
(I
L=75mA)
PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com