Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1706Y Datasheet(PDF) 4 Page - IXYS Corporation

Part # CPC1706Y
Description  High Reliability
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1706Y Datasheet(HTML) 4 Page - IXYS Corporation

  CPC1706Y Datasheet HTML 1Page - IXYS Corporation CPC1706Y Datasheet HTML 2Page - IXYS Corporation CPC1706Y Datasheet HTML 3Page - IXYS Corporation CPC1706Y Datasheet HTML 4Page - IXYS Corporation CPC1706Y Datasheet HTML 5Page - IXYS Corporation CPC1706Y Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R04
CPC1706
* The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.05
0.06
0.07
0.08
0.09
0.10
DC-Only On-Resistance
vs. Temperature
(I
F=5mA, IL=1A)
Load Voltage (V)
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Typical Load Current
vs. Load Voltage
(I
F=5mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Maximum Load Current
vs. Temperature
Temperature (ºC)
-40
-20
0
20
40
60
80
100
76
78
80
82
84
86
Blocking Voltage vs. Temperature
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
10
20
30
40
50
60
70
Typical Leakage vs. Temperature
Measured Across Pins 3 & 4
(V
L=60V)
Load Voltage (V)
0
1020
3040
5060
50
100
150
200
250
300
350
400
450
500
Output Capacitance vs. Load Voltage
Time
10 s 100 s 1ms 10ms 100ms
1s
10s
100s
0
4
8
12
16
Energy Rating Curve
PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com