Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1706Y Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC1706Y
Description  High Reliability
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1706Y Datasheet(HTML) 1 Page - IXYS Corporation

  CPC1706Y Datasheet HTML 1Page - IXYS Corporation CPC1706Y Datasheet HTML 2Page - IXYS Corporation CPC1706Y Datasheet HTML 3Page - IXYS Corporation CPC1706Y Datasheet HTML 4Page - IXYS Corporation CPC1706Y Datasheet HTML 5Page - IXYS Corporation CPC1706Y Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC1706-R04
1
CPC1706
Single-Pole, Normally Open
4-Pin OptoMOS® DC Power SIP Relay
Part #
Description
CPC1706Y
4-Pin (8-Pin Body) Power SIP Package (25 per tube)
Parameter
Rating
Units
Blocking Voltage
60
V
P
Load Current
4
A
DC
On-Resistance (max)
0.09
Applications
Features
Description
Ordering Information
Pin Configuration
• Industrial Controls
• Motor Control
• Robotics
• Medical Equipment—Patient/Equipment Isolation
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• IC Equipment
• Home Appliances
• Handle Load Currents Up to 4A
DC
• 2500V
rms Input/Output Isolation
• Power SIP Package
• High Reliability
• Low Drive Power Requirements
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Flammability Rating UL 94 V-0
IXYS Integrated Circuits Division and IXYS have
combined to bring OptoMOS® technology, reliability,
and compact size to a new family of high power solid
state relays. The CPC1706, a DC-switching, normally
open (1-Form-A) Solid State Relay, is part of that
family.
Employing optically coupled MOSFET technology,
the CPC1706 provides 2500V
rms of input to output
isolation. The relay output is constructed with efficient
MOSFET switches that use IXYS Integrated Circuits
Division's patented OptoMOS architecture. The input,
a highly efficient infrared LED, controls the optically
coupled output.
The combination of low on-resistance and high load
current handling capability makes this relay suitable for
a variety of high performance switching applications.
Switching Characteristics of
Normally Open Devices
Approvals
• UL 508 Certified Component: File E69938
• CSA Certified Component: Certificate 1172007
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off


Similar Part No. - CPC1706Y

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1706Y CLARE-CPC1706Y Datasheet
124Kb / 6P
4-Pin OptoMOS짰 DC Power SIP Relay
logo
Littelfuse
CPC1706Y LITTELFUSE-CPC1706Y Datasheet
178Kb / 6P
60V, 4ADC Single-Pole Normally Open Power SIP Relay
11/18/2025
More results

Similar Description - CPC1706Y

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-R272MH MINI-ADE-R272MH Datasheet
236Kb / 2P
High Reliability Mixer High Reliability Mixer
logo
List of Unclassifed Man...
ATC200A ETC2-ATC200A Datasheet
194Kb / 6P
High Reliability
logo
International Rectifier
ASA2812S IRF-ASA2812S Datasheet
104Kb / 5P
HYBRID-HIGH RELIABILITY HYBRID-HIGH RELIABILITY
logo
Bruckewell Technology L...
MURS220A BWTECH-MURS220A Datasheet
343Kb / 4P
High reliability
logo
Surge Components
1N914-1N914B SURGE-1N914-1N914B Datasheet
554Kb / 1P
High reliability
logo
Inchange Semiconductor ...
2SC2166 ISC-2SC2166 Datasheet
187Kb / 2P
High Reliability
logo
Laird Tech Smart Techno...
HP105 LSTD-HP105 Datasheet
721Kb / 1P
High reliability
580 LSTD-580 Datasheet
778Kb / 2P
High reliability
logo
Roithner LaserTechnik G...
LED405-30M32 ROITHNER-LED405-30M32 Datasheet
117Kb / 1P
High Reliability
logo
Everlight Electronics C...
EAIST1005A0 EVERLIGHT-EAIST1005A0 Datasheet
456Kb / 8P
High reliability
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com