Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7556 Datasheet(PDF) 2 Page - IXYS Corporation

Part # CPC7556
Description  Monolithic Construction
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7556 Datasheet(HTML) 2 Page - IXYS Corporation

  CPC7556 Datasheet HTML 1Page - IXYS Corporation CPC7556 Datasheet HTML 2Page - IXYS Corporation CPC7556 Datasheet HTML 3Page - IXYS Corporation CPC7556 Datasheet HTML 4Page - IXYS Corporation CPC7556 Datasheet HTML 5Page - IXYS Corporation CPC7556 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
R04
www.ixysic.com
2
CPC7556
1
Specifications
1.1 Package Pinout
1.2 Pin Description
1.3 Absolute Maximum Ratings
Unless Otherwise Specified all electrical ratings are at 25
C
1 Derate package for P
DISS 120C/W.
Absolute maximum ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
G
N/C
~B
N/C
N/C
~A
-
+
8
1
45
Pin#
Name
Description
1
Negative Bridge Output
2G
Thyristor Gate
3N/C
No Connection
4+
Positive Bridge Output
5~A
Input A
6N/C
No Connection
7N/C
No Connection
8~B
Input B
Parameter
Symbol
Minimum
Maximum
Units
Reverse Voltage
VRRM
-
120
V
Diode Forward Current (Average)
IF
-
250
mArms
Diode Forward Surge Current
IFSM
-2
A
Gate Voltage
VGK
-4
7
V
Gate Current
IGK
-20
mA
Overvoltage Current
IAK
-
120
mA
Thyristor Surge Current
ITSM
-1.2
A
Fusing Current
I2t
-0.02
A2s
ESD, Human Body Model
--
3
kV
Junction Temperature 1
TJ
-+150
C
Storage Temperature
TSTG
-65
+150
C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com