Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7556 Datasheet(PDF) 4 Page - IXYS Corporation

Part # CPC7556
Description  Monolithic Construction
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7556 Datasheet(HTML) 4 Page - IXYS Corporation

  CPC7556 Datasheet HTML 1Page - IXYS Corporation CPC7556 Datasheet HTML 2Page - IXYS Corporation CPC7556 Datasheet HTML 3Page - IXYS Corporation CPC7556 Datasheet HTML 4Page - IXYS Corporation CPC7556 Datasheet HTML 5Page - IXYS Corporation CPC7556 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
R04
www.ixysic.com
4
CPC7556
1.7 AC Electrical Characteristics
2
Typical Performance Data
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Units
Input Zero Bias Capacitance
V+  V= 0V
Measured from V~A to V~B
C~A~B
-4.4
12
pF
Output Zero Bias Capacitance
V~A = V~B
Measured from V+ to V
C+/
-8.3
20
pF
Bridge Zero Bias Capacitance
V+  V= 0V Measured from
V~A to V+/- and V~B to V+/-
C~A/+, C~A/,
C~B/+, C~B/
-8.5
12
pF
Thyristor Peak Pulse Discharge Energy
Single Event Over-Voltage
Discharge Energy
EPP
-
-
300
mJ
Thyristor Repeated Discharge Energy
Allowable Repeated Discharge
Energy, Rectified 60Hz
EAVE
--
14
mJ
2.8
2.6
2.4
2.0
1.8
1.6
-20
20
60
-40
0
40
80
Temperature (ºC)
Bridge Forward Voltage (V
F)
vs. Temperature
100
1.4
1.2
1.0
I
F=250mA
I
F=40mA
2.2
1.6
1.4
1.2
1.0
0.8
0.6
-20
20
60
-40
0
40
80
Temperature (ºC)
Diode Forward Voltage (V
F)
vs. Temperature
100
0.4
0.2
0
I
F=250mA
I
F=40mA
152
150
148
146
144
142
-20
20
60
-40
0
40
80
Temperature (ºC)
Diode Reverse Breakdown Voltage (V
RRM)
vs. Temperature
100
140
138
3.0
2.5
2.0
1.5
1.0
-20
20
60
-40
0
40
80
Temperature (ºC)
Gate Trigger Current
vs. Temperature
100
0.5
0
3.4
3.2
3.0
2.8
2.6
2.4
-20
20
60
-40
0
40
80
Temperature (ºC)
Gate Trigger Voltage
vs. Temperature
100
2.2
2.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com