Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KUSB1052 Datasheet(PDF) 1 Page - Volgen Kaga Electronics Inc.

Part # KUSB1052
Description  10 WATT, Universal Input Wall-mount Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLGEN [Volgen Kaga Electronics Inc.]
Direct Link  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

KUSB1052 Datasheet(HTML) 1 Page - Volgen Kaga Electronics Inc.

  KUSB1052 Datasheet HTML 1Page - Volgen Kaga Electronics Inc. KUSB1052 Datasheet HTML 2Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USB ADAPTER
1
10
0 W
WA
AT
TT
T,, U
Un
niiv
ve
errs
sa
all IIn
np
pu
utt
W
Wa
allll--m
mo
ou
un
ntt A
Ad
da
ap
ptte
err
E
EL
LE
EC
CT
TR
RIIC
CA
AL
L S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
NS
S
FEATURES
5V USB OUTPUT
CEC LEVEL V
10 WATT OUTPUT POWER
UNIVERSAL INPUT
OVERCURRENT PROTECTION
All specifications are typical at nominal input, full load
IIN
NP
PU
UT
T S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
NS
S
Input Voltage………........................100 ~ 240VAC
Input Frequency..............................47 ~ 63Hz
Input Current………………………. 0.4A Max.
Inrush Current……………………...40A Max
O
OU
UT
TP
PU
UT
T S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
NS
S
Output Voltage .…..………….….5V
Minimum Load…….……………..None
Efficiency ..............................…...73.36%
Short Circuit Protection .....……..2A Inner Current Fuse
Over-Current Protection ………..Automatic Recovery
Ripple and Noise. ………………100mVp-p max.
Turn OnTime.......................…….20~30mS nom
Line Regulation...............……….2% Max
Output Regulation...…...………..4.7 -5.4V
SHORT CIRCUIT PROTECTION
INPUT PROTECTION
RoHS COMPLIANT
G
GE
EN
NE
ER
RA
AL
L S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
NS
S
Insulation Resistance
Primary to Secondary.......................50MΩ
CEC…………………………………….....Level V
Input Power Consumption(no load) …….0.3W Max
E
EN
NV
VIIR
RO
ON
NM
ME
EN
NT
TA
AL
L S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
NS
S
S
SA
AF
FE
ET
TIIE
ES
S//A
AP
PP
PR
RO
OV
VA
AL
LS
S
UL-60950-1 2
ND EDITION 2007-3-27
CSA C22.2 NO.60950-1-07 2
ND EDITION
Operating Temperature ............….10°C ~ +40°C
Cooling…………………..................Convection
Temperature Coefficient ................0.05% / °C
Humidity………………....................5 ~ 95%Rh (non-condensing)
Storage Temperature.…………….-20°C ~ +80°C
P
PH
HY
YS
SIIC
CA
AL
L S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
NS
S
46mm x 52mm x 28.9mm
1


Similar Part No. - KUSB1052

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
KUSB-488B TEKTRONIX-KUSB-488B Datasheet
1,012Kb / 13P
Series 2280S Precision Measurement, Low Noise, Programmable DC Power Supplies
KUSB-488B TEKTRONIX-KUSB-488B Datasheet
481Kb / 12P
Series 2400 SourceMeter SMU Instruments
KUSB-488B TEKTRONIX-KUSB-488B Datasheet
272Kb / 3P
Dual-Channel Picoammeter
KUSB-488B TEKTRONIX-KUSB-488B Datasheet
461Kb / 5P
DC Current Source AC and DC Current Source
KUSB-488B TEKTRONIX-KUSB-488B Datasheet
293Kb / 4P
Sub-femtoamp Remote SourceMeter짰 SMU Instrument
More results

Similar Description - KUSB1052

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
KTPS05-03015U VOLGEN-KTPS05-03015U Datasheet
385Kb / 2P
5 Watt Universal Input, Wall Mount Adapter
KTPS05-03015U-VI VOLGEN-KTPS05-03015U-VI Datasheet
401Kb / 2P
5 Watt Universal Input, Wall Mount Adapter
KTPS05-03315U-VI VOLGEN-KTPS05-03315U-VI Datasheet
93Kb / 2P
5 Watt Universal Input, Wall Mount Adapter
KTPS05-07510U VOLGEN-KTPS05-07510U Datasheet
385Kb / 2P
5 Watt Universal Input, Wall Mount Adapter
KTPS12-12010WA-VI-P1 VOLGEN-KTPS12-12010WA-VI-P1 Datasheet
492Kb / 3P
12 Watt Universal Input, Wall Mount Adapter
KTPS12-24005WA-VI-P1 VOLGEN-KTPS12-24005WA-VI-P1 Datasheet
492Kb / 3P
12 Watt Universal Input, Wall Mount Adapter
KTPS24-05040WA-VI-P1 VOLGEN-KTPS24-05040WA-VI-P1 Datasheet
456Kb / 3P
24 Watt DoE/CEC Level VI Universal Input, Wall Mount Adapter
KTPS24-24010WA-VI-P1 VOLGEN-KTPS24-24010WA-VI-P1 Datasheet
456Kb / 3P
24 Watt DoE/CEC Level VI Universal Input, Wall Mount Adapter
KTPS90-1207-P1 VOLGEN-KTPS90-1207-P1 Datasheet
457Kb / 3P
18 Watt DoE Level VI Universal Input, Wall Mount Adapter
KTPS90-2437 VOLGEN-KTPS90-2437 Datasheet
430Kb / 2P
90 Watt Universal Input, Desktop Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com