Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KUSB1052 Datasheet(PDF) 2 Page - Volgen Kaga Electronics Inc.

Part # KUSB1052
Description  10 WATT, Universal Input Wall-mount Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLGEN [Volgen Kaga Electronics Inc.]
Direct Link  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

KUSB1052 Datasheet(HTML) 2 Page - Volgen Kaga Electronics Inc.

  KUSB1052 Datasheet HTML 1Page - Volgen Kaga Electronics Inc. KUSB1052 Datasheet HTML 2Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MODEL
Output Voltage
Output Current
Efficiency
(100 ~ 240 VAC)
(%)
KUSB1052
5VDC
2.0A
73.36%
Note:
•
Measurements in millimeter (mm) unless otherwise specified
NOTE:
Avoid sustained operation in overload or dead short conditions.
Specifications subject to changes without notice.
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com