Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54LS256 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54LS256
Description  Dual 4-Bit Addressable Latch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54LS256 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54LS256 Datasheet HTML 1Page - National Semiconductor (TI) 54LS256 Datasheet HTML 2Page - National Semiconductor (TI) 54LS256 Datasheet HTML 3Page - National Semiconductor (TI) 54LS256 Datasheet HTML 4Page - National Semiconductor (TI) 54LS256 Datasheet HTML 5Page - National Semiconductor (TI) 54LS256 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF9823
June 1989
54LS256DM74LS256
Dual 4-Bit Addressable Latch
General Description
The ’LS256 is a dual 4-bit addressable latch with common
control inputs these include two Address inputs (A0 A1)
an active LOW enable input (E) and an active LOW Clear
input (CL) Each latch has a Data input (D) and four outputs
(Q0 – Q3)
When the Enable (E) is HIGH and the Clear input (CL)is
LOW all outputs (Q0 – Q3) are LOW Dual 4-channel demul-
tiplexing occurs when the CL and E are both LOW When
CL is HIGH and E is LOW the selected output (Q0 – Q3)
determined by the Address inputs follows D When the E
goes HIGH the contents of the latch are stored When op-
erating in the addressable latch mode (E e LOW CL e
HIGH) changing more than one bit of the Address (A0 A1)
could impose a transient wrong address Therefore this
should be done only while in the memory mode (E e CL e
HIGH)
Features
Y
Serial-to-parallel capability
Y
Output from each storage bit available
Y
Random (addressable) data entry
Y
Easily expandable
Y
Active low common clear
Connection Diagram
Dual-In-Line Package
TLF9823 – 1
Order Number 54LS256DMQB
54LS256FMQB or DM74LS256N
See NS Package Number J16A
N16E or W16A
Logic Symbol
TLF9823 – 2
VCC e Pin 16
GND e Pin 8
Pin Names
Description
A0 A1
Common Address Inputs
Da Db
Data Inputs
E
Common Enable Input (Active LOW)
CL
Conditional Clear Input (Active LOW)
Q0a–Q3a
Side A Latch Outputs
Q0b–Q3b
Side B Latch Outputs
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - 54LS256

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS253 NSC-54LS253 Datasheet
158Kb / 6P
TRI-STATE Data Selectors/Multiplexers
54LS253DMQB NSC-54LS253DMQB Datasheet
158Kb / 6P
TRI-STATE Data Selectors/Multiplexers
54LS253FMQB NSC-54LS253FMQB Datasheet
158Kb / 6P
TRI-STATE Data Selectors/Multiplexers
54LS253LMQB NSC-54LS253LMQB Datasheet
158Kb / 6P
TRI-STATE Data Selectors/Multiplexers
logo
Motorola, Inc
54LS257 MOTOROLA-54LS257 Datasheet
182Kb / 6P
QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
More results

Similar Description - 54LS256

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS256 MOTOROLA-SN54LS256 Datasheet
225Kb / 6P
DUAL 4-BIT ADDRESSABLE LATCH
logo
National Semiconductor ...
CD4723BM NSC-CD4723BM Datasheet
146Kb / 8P
Dual 4-Bit, 8-Bit Addressable Latch
logo
NXP Semiconductors
74F256 PHILIPS-74F256 Datasheet
104Kb / 12P
Dual addressable latch
1988 Nov 29
logo
STMicroelectronics
HCC4724B STMICROELECTRONICS-HCC4724B Datasheet
302Kb / 14P
8 BIT ADDRESSABLE LATCH
Sep-1988
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
8-Bit Addressable Latch
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
8-bit Addressable Latch
logo
Toshiba Semiconductor
TC74HC259AP TOSHIBA-TC74HC259AP_07 Datasheet
361Kb / 10P
8-Bit Addressable Latch
logo
Texas Instruments
NTE4099B TI-NTE4099B Datasheet
976Kb / 16P
8-Bit Addressable Latch
logo
ON Semiconductor
MC74AC259 ONSEMI-MC74AC259_15 Datasheet
96Kb / 9P
8-Bit Addressable Latch
March, 2015 ??Rev. 7
logo
Toshiba Semiconductor
TC40H259P TOSHIBA-TC40H259P Datasheet
230Kb / 5P
8-BIT ADDRESSABLE LATCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com