Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOC211P Datasheet(PDF) 3 Page - IXYS Corporation

Part # LOC211P
Description  Couples Analog and Digital Signals
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LOC211P Datasheet(HTML) 3 Page - IXYS Corporation

  LOC211P Datasheet HTML 1Page - IXYS Corporation LOC211P Datasheet HTML 2Page - IXYS Corporation LOC211P Datasheet HTML 3Page - IXYS Corporation LOC211P Datasheet HTML 4Page - IXYS Corporation LOC211P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
INTEGRATED CIRCUITS DIVISION
LOC211P
www.ixysic.com
3
R07
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
LED Forward Voltage (V)
1.0
1.1
1.2
1.3
1.4
1.5
0
10
20
30
40
50
60
LED Forward Current
vs. LED Forward Voltage
LED Forward Voltage (V)
1.1
1.2
1.3
1.4
1.5
0.01
0.1
1
10
100
LED Forward Current
vs. LED Forward Voltage
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
Typical LED Forward Voltage Drop
vs. Temperature
I
F=5mA
I
F=2mA
I
F=1mA
I
F=50mA
I
F=20mA
I
F=10mA
LED Current (mA)
0246
8
10
12
0.000
0.004
0.008
0.012
0.016
Servo Gain
vs. LED Current & Temperature
0ºC
25ºC
50ºC
70ºC
85ºC
LED Current (mA)
0246
8
10
12
0
20
40
60
80
100
120
140
Servo-Photocurrent
vs. LED Current & Temperature
0ºC
25ºC
50ºC
70ºC
85ºC
LED Current (mA)
0
2
4
6
8
10
12
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Normalized Servo-Photocurrent
vs. LED Current & Temperature
0ºC
25ºC
50ºC
70ºC
85ºC
PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com