Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOC211P Datasheet(PDF) 1 Page - IXYS Corporation

Part # LOC211P
Description  Couples Analog and Digital Signals
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LOC211P Datasheet(HTML) 1 Page - IXYS Corporation

  LOC211P Datasheet HTML 1Page - IXYS Corporation LOC211P Datasheet HTML 2Page - IXYS Corporation LOC211P Datasheet HTML 3Page - IXYS Corporation LOC211P Datasheet HTML 4Page - IXYS Corporation LOC211P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-LOC211P-R07
1
LOC211P
Dual Linear Optocouplers
Part #
Description
LOC211P
16-Pin SOIC (50/tube)
LOC211PTR
16-Pin SOIC (1000/Reel)
Description
Ordering Information
Pin Configuration
Approvals
The LOC211P Dual Linear Optocoupler features an
infrared LED optically coupled with two photodiodes.
A feedback (input) photodiode is used to generate a
control signal that provides a servomechanism to the
LED drive current, thus compensating for the LED's
nonlinear time and temperature characteristics. The
other (output) photodiode provides an output signal
that is linear with respect to the servo LED current.
The product features wide bandwidth, high input to
output isolation, and excellent servo linearity.
• Modem Transformer Replacement With No
Insertion Loss
• Digital Telephone Isolation
• Power Supply Feedback Voltage/Current
• Medical Sensor Isolation
• Audio Signal Interfacing
• Isolation of Process Control Transducers
• 0.01% Servo Linearity
• THD -87dB Typical
• Wide Bandwidth (>200kHz)
• Couples Analog and Digital Signals
• High Gain Stability
• Low Input/Output Capacitance
• Low Power Consumption
• 16-Pin SOIC Package (PCMCIA Compatible)
• Machine Insertable, Wave Solderable
• Surface Mount Tape & Reel Version Available
Bin Matrix
Top Pole
Optocoupler*
Bottom Pole
Optocoupler**
Suffix
Bin
K1
1
L1
2
M2
1
N2
2
*Top Optocoupler: Pins 1,2,3,4,13, and 14
**Bottom Optocoupler: Pins 7 through 12
Part Number Information
The LOC211P is shipped in anti-static tubes (50
pieces each) or tape/reel (1,000 pieces each). Each
container has only 1 bin combination which will be
branded on each part with the appropriate bin letter
K, L, M, or N in the lower right hand corner. Suffix
representation is described in the “Bin Matrix”.
Features
Applications
K3 Sorted Bins
Bin
K3 Range
Bin 1
0.773 - 0.886
Bin 2
0.887 - 1.072
– LED
+ LED
C1
A1
NC
NC
C2
A2
C2
A2
NC
NC
C1
A1
1
2
3
4
16
15
14
13
5
6
7
8
12
11
10
9
– LED
+ LED
Optocoupler #1
Optocoupler #2
Parameter
Rating
Units
LED Operating Range
2-10
mA
K3, Transfer Gain
0.773-1.072
-
Isolation, Input to Output
3750
V
rms
• UL Recognized Component: File # E76270
• CSA Certified Component: Certificate # 1175739
• EN/IEC 60950-1 Certified Component:
TUV Certificate # B 13 12 82667 003


Similar Part No. - LOC211P

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LOC211P CLARE-LOC211P Datasheet
74Kb / 5P
Linear Optocouplers
LOC211P CLARE-LOC211P Datasheet
395Kb / 4P
Linear Optocouplers
LOC211PTR CLARE-LOC211PTR Datasheet
74Kb / 5P
Linear Optocouplers
LOC211PTR CLARE-LOC211PTR Datasheet
395Kb / 4P
Linear Optocouplers
More results

Similar Description - LOC211P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4066B STMICROELECTRONICS-HCC4066B Datasheet
266Kb / 11P
OR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS QUAD BILATERAL SWITCH FOR TRANSMISSION
Jun-1989
logo
List of Unclassifed Man...
FFD1531024 ETC2-FFD1531024 Datasheet
69Kb / 2P
Dupline짰 Field- and Installationbus Transmitter for Analog Current Signals
FK3C3508024 ETC2-FK3C3508024 Datasheet
79Kb / 3P
Display for Digital Signals
logo
STMicroelectronics
MEMS STMICROELECTRONICS-MEMS Datasheet
1Mb / 2P
analog and digital
Dec-2014
logo
List of Unclassifed Man...
50.5 ETC2-50.5 Datasheet
976Kb / 2P
Digital and analog outputs
logo
Omron Electronics LLC
G3VM-61GR2 OMRON-G3VM-61GR2 Datasheet
87Kb / 3P
MOS FET Relays with 1.7-A switching Designed for Switching Minute Signals and Analog Signals.
logo
PHOENIX CONTACT
2701237 PHOENIX-2701237 Datasheet
156Kb / 6P
It is used to output analog voltage and current signals.
logo
WAGO Kontakttechnik Gmb...
706-2300-701-100 WAGO-706-2300-701-100 Datasheet
43Kb / 2P
System cable; for Siemens S7-300; 8 digital inputs and 7 analog signals; Length: 1 m
23.11.2021
706-2300-701-200 WAGO-706-2300-701-200 Datasheet
43Kb / 2P
System cable; for Siemens S7-300; 8 digital inputs and 7 analog signals; Length: 2 m
23.11.2021
706-2300-701-300 WAGO-706-2300-701-300 Datasheet
43Kb / 2P
System cable; for Siemens S7-300; 8 digital inputs and 7 analog signals; Length: 3 m;
23.11.2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com