Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN4008LFG Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN4008LFG
Description  Qualified to AEC-Q101 Standards for High Reliability
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN4008LFG Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN4008LFG Datasheet HTML 1Page - Diodes Incorporated DMN4008LFG Datasheet HTML 2Page - Diodes Incorporated DMN4008LFG Datasheet HTML 3Page - Diodes Incorporated DMN4008LFG Datasheet HTML 4Page - Diodes Incorporated DMN4008LFG Datasheet HTML 5Page - Diodes Incorporated DMN4008LFG Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
POWERDI is a registered trademark of Diodes Incorporated
DMN4008LFG
Document number: DS36908 Rev. 2 - 2
3 of 6
www.diodes.com
July 2014
© Diodes Incorporated
DMN4008LFG
0.0
3.0
6.0
9.0
12.0
15.0
18.0
21.0
24.0
27.0
30.0
01
2
3
45
V , DRAIN-SOURCE VOLTAGE (V)
Figure 1 Typical Output Characteristic
DS
V= 2.5V
GS
V= 3.0V
GS
V= 4.0V
GS
V= 4.5V
GS
V
= 10V
GS
V= 3.5V
GS
0
3
6
9
12
15
18
21
24
27
30
1
1.5
2
2.5
3
3.5
4
V , GATE-SOURCE VOLTAGE (V)
GS
Figure 2 Typical Transfer Characteristics
V
= 5.0V
DS
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = -55°C
A
0.002
0.004
0.006
0.008
0.01
0.012
0.014
02
46
8
10 12 14 16
18 20
I , DRAIN-SOURCE CURRENT (A)
D
Figure 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
V
= 3.3V
GS
V
= 4.5V
GS
V
= 10V
GS
0
0.005
0.01
0.015
0.02
0.025
0.03
0.035
0.04
0
2
4
6
8
1012 14
1618 20
V , GATE-SOURCE VOLTAGE (V)
GS
Figure 4 Typical Transfer Characteristics
I = 8.0A
D
I = 10.0A
D
0.002
0.003
0.004
0.005
0.006
0.007
0.008
0.009
0.01
0.011
0
2
4
6
8
1012
14 161820
I , DRAIN CURRENT (A)
D
Figure 5 Typical On-Resistance vs.
Drain Current and Temperature
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= 10V
GS
0.6
0.8
1
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
Figure 6 On-Resistance Variation with Temperature
J
°
V=
V
I= 6.0A
GS
D
3.3
V=
V
I= 10A
GS
D
10
V
= 4.5V
I= 8.0A
GS
D



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com