Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN4008LFG Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN4008LFG
Description  Qualified to AEC-Q101 Standards for High Reliability
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN4008LFG Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN4008LFG Datasheet HTML 1Page - Diodes Incorporated DMN4008LFG Datasheet HTML 2Page - Diodes Incorporated DMN4008LFG Datasheet HTML 3Page - Diodes Incorporated DMN4008LFG Datasheet HTML 4Page - Diodes Incorporated DMN4008LFG Datasheet HTML 5Page - Diodes Incorporated DMN4008LFG Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
POWERDI is a registered trademark of Diodes Incorporated
DMN4008LFG
Document number: DS36908 Rev. 2 - 2
4 of 6
www.diodes.com
July 2014
© Diodes Incorporated
DMN4008LFG
0
0.002
0.004
0.006
0.008
0.01
0.012
0.014
0.016
0.018
-50
-25
0
25
50
75
100
125 150
T , JUNCTION TEMPERATURE ( C)
Figure 7 On-Resistance Variation with Temperature
J
°
V
= 4.5V
I= 8.0A
GS
D
V=
V
I= 10A
GS
D
10
V=
V
I= 6.0A
GS
D
3.3
0.8
1
1.2
1.4
1.6
1.8
2
2.2
-50-25
0
25
50
75100
125 150
T , JUNCTION TEMPERATURE ( C)
Figure 8 Gate Threshold Variation
vs. Ambient Temperature
J
°
I= 1mA
D
I = 250µA
D
0
3
6
9
12
15
18
21
24
27
30
0
0.2
0.4
0.6
0.8
1
1.2
1.4
V , SOURCE-DRAIN VOLTAGE (V)
SD
Figure 9 Diode Forward Voltage vs. Current
T= -55°C
A
T= 25°C
A
T = 150°C
A
T = 125°C
A
T= 85°C
A
100
1000
10000
0
5
10
15
20
25
30
35
40
V , DRAIN-SOURCE VOLTAGE (V)
DS
Figure 10 Typical Junction Capacitance
Ciss
Coss
Crss
f = 1MHz
0
2
4
6
8
10
0
10
20
3040
5060
7080
Q(nC)
g, TOTAL GATE CHARGE
Figure 11 Gate Charge
V
= 20V
I=
A
DS
D
10
V , DRAIN-SOURCE VOLTAGE (V)
Figure 12 SOA, Safe Operation Area
DS
T
= 150°C
T = 25°C
V
= 10V
Single Pulse
J(max)
A
GS
DUT on 1 * MRP Board
DC
P = 10s
W
P = 1s
W
P = 100ms
W
P = 10ms
W
P = 1ms
W
P = 100µs
W
R
Limited
DS(ON)
0.01
0.1
1
10
100
1000
0.01
0.1
1
10
100



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com