Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN4010LFG Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN4010LFG
Description  Qualified to AEC-Q101 Standards for High Reliability
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN4010LFG Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN4010LFG Datasheet HTML 1Page - Diodes Incorporated DMN4010LFG Datasheet HTML 2Page - Diodes Incorporated DMN4010LFG Datasheet HTML 3Page - Diodes Incorporated DMN4010LFG Datasheet HTML 4Page - Diodes Incorporated DMN4010LFG Datasheet HTML 5Page - Diodes Incorporated DMN4010LFG Datasheet HTML 6Page - Diodes Incorporated DMN4010LFG Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
POWERDI is a registered trademark of Diodes Incorporated
DMN4010LFG
Document number: DS36764 Rev. 2 - 2
2 of 7
www.diodes.com
March 2015
© Diodes Incorporated
DMN4010LFG
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
40
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 6) VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
11.5
9.2
A
t<10s
TA = +25°C
TA = +70°C
ID
14.2
11.4
A
Pulsed Drain Current (10µs pulse, duty cycle = 1%)
IDM
80
A
Maximum Continuous Body Diode Forward Current (Note 6)
IS
2
A
Avalanche Current (Note 7) L = 0.1mH
IAS
27
A
Avalanche Energy (Note 7) L = 0.1mH
EAS
37
mJ
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
PD
0.93
W
Thermal Resistance, Junction to Ambient (Note 5)
Steady state
RθJA
137
°C/W
t<10s
89
Total Power Dissipation (Note 6)
PD
2.45
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady state
RθJA
52
°C/W
t<10s
34
Thermal Resistance, Junction to Case (Note 6)
RθJC
3
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
5. Device mounted on FR-4 PC board, with minimum recommended pad layout, single sided.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal bias to bottom layer 1inch square copper plate.
7. IAS and EAS rating are based on low frequency and duty cycles to keep TJ = +25°C.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com