Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN4010LFG Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN4010LFG
Description  Qualified to AEC-Q101 Standards for High Reliability
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN4010LFG Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN4010LFG Datasheet HTML 1Page - Diodes Incorporated DMN4010LFG Datasheet HTML 2Page - Diodes Incorporated DMN4010LFG Datasheet HTML 3Page - Diodes Incorporated DMN4010LFG Datasheet HTML 4Page - Diodes Incorporated DMN4010LFG Datasheet HTML 5Page - Diodes Incorporated DMN4010LFG Datasheet HTML 6Page - Diodes Incorporated DMN4010LFG Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
POWERDI is a registered trademark of Diodes Incorporated
DMN4010LFG
Document number: DS36764 Rev. 2 - 2
3 of 7
www.diodes.com
March 2015
© Diodes Incorporated
DMN4010LFG
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
40
—
—
V
VGS = 0V, ID = 250µA
Zero Gate Voltage Drain Current TJ = +25°C
IDSS
—
—
1
µA
VDS = 32V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(th)
1.0
—
3.0
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS (ON)
—
—
12
m
VGS = 10V, ID = 14A
—
15
VGS = 4.5V, ID = 11A
Diode Forward Voltage
VSD
—
0.72
—
V
VGS = 0V, IS = 14A
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
—
1,810
—
pF
VDS = 20V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
—
135
—
pF
Reverse Transfer Capacitance
Crss
—
112
—
pF
Gate Resistance
Rg
—
1.7
—
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = 4.5V)
Qg
—
17
—
nC
VDS = 20V, ID = 14A
Total Gate Charge (VGS = 10V)
Qg
—
37
—
nC
Gate-Source Charge
Qgs
—
5.6
—
nC
Gate-Drain Charge
Qgd
—
7.1
—
nC
Turn-On Delay Time
tD(on)
—
5.1
—
ns
VGS = 10V, VDS = 20V,
RG = 6 , ID = 14A
Turn-On Rise Time
tr
—
13
—
ns
Turn-Off Delay Time
tD(off)
—
36
—
ns
Turn-Off Fall Time
tf
—
13
—
ns
Body Diode Reverse Recovery Time
trr
—
12.2
—
nS
IF = 3A, di/dt = 100A/µs
Body Diode Reverse Recovery Charge
Qrr
—
5.4
—
nC
IF = 3A, di/dt = 100A/µs
Notes:
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to product testing.
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0
0.5
1
1.5
2
2.5
3
V
, DRAIN-SOURCE VOLTAGE (V)
Figure 1 Typical Output Characteristic
DS
V
= 2.5V
GS
V
= 3.0V
GS
V
= 3.5V
GS
V
= 4.5V
GS
V
= 10V
GS
V
= 4.0V
GS
0
5
10
15
20
25
30
1
1.5
2
2.5
3
3.5
4
V
, GATE-SOURCE VOLTAGE (V)
GS
Figure 2 Typical Transfer Characteristics
V
= 5.0V
DS
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = -55°C
A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com