Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P447SBWM Datasheet(PDF) 25 Page - ELAN Microelectronics Corp

Part # EM78P447SBWM
Description  8-BIT MICRO-CONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P447SBWM Datasheet(HTML) 25 Page - ELAN Microelectronics Corp

Back Button EM78P447SBWM Datasheet HTML 21Page - ELAN Microelectronics Corp EM78P447SBWM Datasheet HTML 22Page - ELAN Microelectronics Corp EM78P447SBWM Datasheet HTML 23Page - ELAN Microelectronics Corp EM78P447SBWM Datasheet HTML 24Page - ELAN Microelectronics Corp EM78P447SBWM Datasheet HTML 25Page - ELAN Microelectronics Corp EM78P447SBWM Datasheet HTML 26Page - ELAN Microelectronics Corp EM78P447SBWM Datasheet HTML 27Page - ELAN Microelectronics Corp EM78P447SBWM Datasheet HTML 28Page - ELAN Microelectronics Corp EM78P447SBWM Datasheet HTML 29Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 55 page
background image
EM78P447S
OTP ROM
OSCI
OSCO
EM 78P447S
Ext. Clock
Fig. 10 Crystal/Resonator Circuit
OSCI
OSCO
EM 78P447S
C1
C2
XTAL
RS
Fig. 11 Crystal/Resonator Circuit
Table 10 Capacitor Selection Guide for Crystal Oscillator or Ceramic Resonator
Oscillator Type
Frequency Mode
Frequency
C1(pF)
C2(pF)
455 kHz
100~150
100~150
2.0 MHz
20~40
20~40
Ceramic Resonators
HXT
4.0 MHz
10~30
10~30
32.768kHz
25
15
100KHz
25
25
LXT
200KHz
25
25
455KHz
20~40
20~150
1.0MHz
15~30
15~30
2.0MHz
15
15
Crystal Oscillator
HXT
4.0MHz
15
15
For some applications that do not need a very precise timing calculation, the RC oscillator (Fig. 15) offers a lot of cost
savings. Nevertheless, it should be noted that the frequency of the RC oscillator is influenced by the supply voltage, the
values of the resistor (Rext), the capacitor (Cext), and even by the operation temperature. Moreover, the frequency also
changes slightly from one chip to another due to the manufacturing process variation.
In order to maintain a stable system frequency, the values of the Cext should not be less than 20pF, and that the value
of Rext should not be greater than 1 M ohm. If they cannot be kept in this range, the frequency is easily affected by noise,
This specification is subject to change without prior notice.
06.25.2003 (V1.1)
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com