Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P447SBWM Datasheet(PDF) 42 Page - ELAN Microelectronics Corp

Part # EM78P447SBWM
Description  8-BIT MICRO-CONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P447SBWM Datasheet(HTML) 42 Page - ELAN Microelectronics Corp

Back Button EM78P447SBWM Datasheet HTML 38Page - ELAN Microelectronics Corp EM78P447SBWM Datasheet HTML 39Page - ELAN Microelectronics Corp EM78P447SBWM Datasheet HTML 40Page - ELAN Microelectronics Corp EM78P447SBWM Datasheet HTML 41Page - ELAN Microelectronics Corp EM78P447SBWM Datasheet HTML 42Page - ELAN Microelectronics Corp EM78P447SBWM Datasheet HTML 43Page - ELAN Microelectronics Corp EM78P447SBWM Datasheet HTML 44Page - ELAN Microelectronics Corp EM78P447SBWM Datasheet HTML 45Page - ELAN Microelectronics Corp EM78P447SBWM Datasheet HTML 46Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 55 page
background image
EM78P447S
OTP ROM
Cext=100pF, Typical RC OSC Frequency
0
0.2
0.4
0.6
0.8
1
1.2
1.4
2.53
3.544.5
5
5.5
VDD(Volt)
R = 3.3 k
R = 5.1 k
R = 10 k
R = 100 k
Fig. 25 Typical RC OSC Frequency vs. VDD (Cext=100pF, Temperature at 25 ℃)
ERC OSC Frequency vs Temp. (Cext=100pF, Rext=5. 1K)
0.992
0.994
0.996
0.998
1
1.002
1.004
1.006
0
1020
3040
5060
70
Temperature(℃)
5V
3V
Fig. 26 Typical RC OSC Frequency vs. Temperature(R and C are ideal component)
This specification is subject to change without prior notice.
06.25.2003 (V1.1)
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com