Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6282 Datasheet(PDF) 4 Page - MOSA ELECTRONICS

Part # MS6282
Description  Class AB Stereo Headphone Driver, Low voltage Volume Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6282 Datasheet(HTML) 4 Page - MOSA ELECTRONICS

  MS6282 Datasheet HTML 1Page - MOSA ELECTRONICS MS6282 Datasheet HTML 2Page - MOSA ELECTRONICS MS6282 Datasheet HTML 3Page - MOSA ELECTRONICS MS6282 Datasheet HTML 4Page - MOSA ELECTRONICS MS6282 Datasheet HTML 5Page - MOSA ELECTRONICS MS6282 Datasheet HTML 6Page - MOSA ELECTRONICS MS6282 Datasheet HTML 7Page - MOSA ELECTRONICS MS6282 Datasheet HTML 8Page - MOSA ELECTRONICS MS6282 Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MOSA
MS6282
Volume Controller with soft step IC
V1.1
4/15
www.mosanalog.com
2.5V ELECTRICAL CHARACTERISTICS
(Ta=25℃;VDD=2.5V, VSS=0V; CREF = 1uF ; RL=32
; refer to the application circuit; unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply
IQ
Quiescent Current
VIN=0V
-
3.3
3.6
mA
IPD
Power down current
VIN=0V
-
60
-
uA
PSRR
Power Supply Rejection Ratio
f = 100Hz
60
65
-
dB
General
VOMAX
Maximum Output Voltage Swing
(THD+N)/S <0.1%
-
0.707
-
Vrms
THD+N
Total Harmonic Distortion Plus
Noise
VOUT = 0.707Vrms
-
-65
-
dB
-
0.056
-
%
S/N
Signal-to-Noise Ratio
VOUT = 0.707Vrms
-
90
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com