Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6282 Datasheet(PDF) 1 Page - MOSA ELECTRONICS

Part # MS6282
Description  Class AB Stereo Headphone Driver, Low voltage Volume Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6282 Datasheet(HTML) 1 Page - MOSA ELECTRONICS

  MS6282 Datasheet HTML 1Page - MOSA ELECTRONICS MS6282 Datasheet HTML 2Page - MOSA ELECTRONICS MS6282 Datasheet HTML 3Page - MOSA ELECTRONICS MS6282 Datasheet HTML 4Page - MOSA ELECTRONICS MS6282 Datasheet HTML 5Page - MOSA ELECTRONICS MS6282 Datasheet HTML 6Page - MOSA ELECTRONICS MS6282 Datasheet HTML 7Page - MOSA ELECTRONICS MS6282 Datasheet HTML 8Page - MOSA ELECTRONICS MS6282 Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MOSA
MS6282
Volume Controller with soft step IC
V1.1
1/15
www.mosanalog.com
Class AB Stereo Headphone Driver, Low voltage
Volume Controller -79~+15dB With Soft Step
Input Gain 0~+15dB
FEATURES
‧ Operation range: 2.5V~6.5V.
‧ Soft step volume control:-79dB ~ +15dB.
‧ Input Gain: 0dB ~ +15dB.
‧ Low power consumption.
‧ Good PSRR and low pop noise.
‧ I
2C interface.
‧ Housed in 10 pin MSOP package.
APPLICATIONS
‧ Multimedia system.
‧ Hi-Fi audio system.
‧ Bluetooth.
‧ DAB
DESCRIPTION
The MS6282 is a class AB headphone drivers with audio volume controller, It has Input gain(0 ~ +15dB),
Soft step volume control(-79dB ~ +15dB) with programmable blend times.
It uses CMOS technology specially for the low voltage application with low noise, rail-to-rail output.
BLOCK DIAGRAM
SDA
SCL
R-OUT
L-OUT
I
2C Interface
Gain 0dB~15dB
R-IN
L-IN
MS6282
Input Gain
-79dB ~ +15dB
Volume/Mute
(With Soft step)
Gain 0dB~15dB
Input Gain
-79dB ~ +15dB
Volume/Mute
(With Soft step)
HP
HP
Supply
VREF
GND
VDD


Similar Part No. - MS6282

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6283 MOSA-MS6283 Datasheet
1Mb / 18P
3 Stereo Inputs (1 differential Input) With Gain 0~15dB Volume Controller
MS6283GTR MOSA-MS6283GTR Datasheet
1Mb / 18P
3 Stereo Inputs (1 differential Input) With Gain 0~15dB Volume Controller
MS6283GU MOSA-MS6283GU Datasheet
1Mb / 18P
3 Stereo Inputs (1 differential Input) With Gain 0~15dB Volume Controller
MS6283SSGTR MOSA-MS6283SSGTR Datasheet
1Mb / 18P
3 Stereo Inputs (1 differential Input) With Gain 0~15dB Volume Controller
MS6283SSGU MOSA-MS6283SSGU Datasheet
1Mb / 18P
3 Stereo Inputs (1 differential Input) With Gain 0~15dB Volume Controller
More results

Similar Description - MS6282

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1308 PHILIPS-TDA1308 Datasheet
197Kb / 12P
Class AB stereo headphone driver
August 1994
logo
List of Unclassifed Man...
MS6308 ETC-MS6308 Datasheet
82Kb / 5P
Class AB stereo headphone driver
logo
Anpec Electronics Corop...
APA2308 ANPEC-APA2308 Datasheet
532Kb / 12P
Class AB Stereo Headphone Driver
logo
NXP Semiconductors
TDA1308A PHILIPS-TDA1308A Datasheet
95Kb / 16P
Class AB stereo headphone driver
2002 Jul 19
logo
Silan Microelectronics ...
SC1308L SILAN-SC1308L Datasheet
71Kb / 4P
CLASS AB STEREO HEADPHONE DRIVER
logo
NXP Semiconductors
TDA1308 NXP-TDA1308 Datasheet
117Kb / 19P
Class-AB stereo headphone driver
Rev. 04-25 January 2007
logo
Unisonic Technologies
PA2308 UTC-PA2308 Datasheet
245Kb / 6P
CLASS AB STEREO HEADPHONE DRIVER
logo
NXP Semiconductors
TDA1308 PHILIPS-TDA1308_15 Datasheet
584Kb / 17P
Class-AB stereo headphone driver
Rev. 5-14 March 2011
logo
Unisonic Technologies
PA2308 UTC-PA2308_15 Datasheet
248Kb / 5P
CLASS AB STEREO HEADPHONE DRIVER
logo
Bookly Micro electronic
CM8608 BOOKLY-CM8608 Datasheet
198Kb / 7P
Class AB Stereo Headphone Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com