Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6283 Datasheet(PDF) 2 Page - MOSA ELECTRONICS

Part # MS6283
Description  3 Stereo Inputs (1 differential Input) With Gain 0~15dB Volume Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6283 Datasheet(HTML) 2 Page - MOSA ELECTRONICS

  MS6283 Datasheet HTML 1Page - MOSA ELECTRONICS MS6283 Datasheet HTML 2Page - MOSA ELECTRONICS MS6283 Datasheet HTML 3Page - MOSA ELECTRONICS MS6283 Datasheet HTML 4Page - MOSA ELECTRONICS MS6283 Datasheet HTML 5Page - MOSA ELECTRONICS MS6283 Datasheet HTML 6Page - MOSA ELECTRONICS MS6283 Datasheet HTML 7Page - MOSA ELECTRONICS MS6283 Datasheet HTML 8Page - MOSA ELECTRONICS MS6283 Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
MOSA
MS6283
Volume Controller with soft step IC
V1.1
2/18
www.mosanalog.com
PIN CONFIGURATION
Symbol
Pin
Description
L-IN3N/NC
1
Negative Input For 3
rd Left Channel(Differential) / No Connected(Single End)
L-IN3P/L-IN3
2
Positive Input For 3
rd Left Channel(Differential) / 3rd Left Channel Input
NC
3
No Connected
L-IN2
4
2
nd Left Channel Input
L-IN1
5
1
st Left Channel Input
L-OUT
6
Left Channel Output
VSS
7
Ground
SDA
8
I
2C Data Input
SCL
9
I
2C Clock Input
VDD
10
Positive Supply Voltage
R-OUT
11
Right Channel Output
R-IN1
12
1
st Right Channel Input
R-IN2
13
2
nd Right Channel Input
R-IN3N/NC
14
Negative Input For 3
rd Right Channel(Differential) / No Connected(Single End)
R-IN3P/R-IN3
15
Positive Input For 3
rd Right Channel(Differential) / 3rd Right Channel Input
VREF
16
Reference Voltage = 1/2VDD
16
15
14
13
12
11
10
9
MS6258
L-IN3N/NC
1
2
3
4
5
6
7
L-IN3P/L-IN3
L-IN2
L-IN1
L-OUT
VSS
SDA
SCL
VREF
R-IN3N/NC
R-IN2
R-IN1
R-OUT
VDD
8
NC
R-IN3P/R-IN3
MS6283



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com