Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6283 Datasheet(PDF) 1 Page - MOSA ELECTRONICS

Part # MS6283
Description  3 Stereo Inputs (1 differential Input) With Gain 0~15dB Volume Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6283 Datasheet(HTML) 1 Page - MOSA ELECTRONICS

  MS6283 Datasheet HTML 1Page - MOSA ELECTRONICS MS6283 Datasheet HTML 2Page - MOSA ELECTRONICS MS6283 Datasheet HTML 3Page - MOSA ELECTRONICS MS6283 Datasheet HTML 4Page - MOSA ELECTRONICS MS6283 Datasheet HTML 5Page - MOSA ELECTRONICS MS6283 Datasheet HTML 6Page - MOSA ELECTRONICS MS6283 Datasheet HTML 7Page - MOSA ELECTRONICS MS6283 Datasheet HTML 8Page - MOSA ELECTRONICS MS6283 Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MOSA
MS6283
Volume Controller with soft step IC
V1.1
1/18
www.mosanalog.com
3 Stereo Inputs (1 differential Input) With Gain 0~+15dB
Volume Controller -79dB~+15dB With Soft Step
Class AB Headphone Driver, Low voltage
FEATURES
‧ Operation range: 2.5V~6.5V.
‧ One quasi-differential input.
‧ Soft step volume control:-79dB ~ +15dB.
‧ Input Gain: 0dB ~ +15dB.
‧ Low power consumption.
‧ Good PSRR and low pop noise.
‧ I
2C interface.
‧ Housed in 16 pin SOP, SSOP packages.
APPLICATIONS
‧ Multimedia system
‧ Hi-Fi audio system.
‧ Bluetooth.
‧ DAB
DESCRIPTION
The MS6283 is a class AB headphone drivers with audio volume controller. The MS6283 have 3 sets of stereo
input(1 differential Input), soft step control with programmable blend times. It uses CMOS technology specially for
the low voltage application with low noise, rail-to-rail output.
BLOCK DIAGRAM


Similar Part No. - MS6283

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6282 MOSA-MS6282 Datasheet
1Mb / 15P
Class AB Stereo Headphone Driver, Low voltage Volume Controller
MS6282MGTR MOSA-MS6282MGTR Datasheet
1Mb / 15P
Class AB Stereo Headphone Driver, Low voltage Volume Controller
MS6282MGU MOSA-MS6282MGU Datasheet
1Mb / 15P
Class AB Stereo Headphone Driver, Low voltage Volume Controller
More results

Similar Description - MS6283

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8718 WOLFSON-WM8718 Datasheet
284Kb / 27P
24 BIT DIFFERENTIAL STEREO DAC WITH VOLUME CONTROL
logo
MOSA ELECTRONICS
MS6713 MOSA-MS6713 Datasheet
422Kb / 15P
3 Stereo Inputs and 4 Channels Output Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
MS6714 MOSA-MS6714 Datasheet
419Kb / 15P
4 Stereo Inputs and 2 Channels Output Volume, Tone, Balance, Loudness and Selectable Input Gain
logo
Wolfson Microelectronic...
WM8718 WOLFSON-WM8718_06 Datasheet
405Kb / 32P
24 Bit Differential Stereo DAC with Volume Control
logo
MOSA ELECTRONICS
MS6720 MOSA-MS6720 Datasheet
377Kb / 12P
3 Stereo Inputs and 4-Channel Outputs Volume, Balance, Fader and Selectable Input Gain
MS6865 MOSA-MS6865 Datasheet
713Kb / 20P
Dual 2W Power Amplifier 3 Stereo Inputs with Volume Control
MS6713 MOSA-MS6713_1 Datasheet
608Kb / 18P
3 Stereo Inputs and 4-Channel Outputs Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
MS6714 MOSA-MS6714_1 Datasheet
1Mb / 18P
4 Stereo Inputs and 1 Stereo Output Volume, Tone, Balance, Loudness and Selectable Input Gain
MS6865 MOSA-MS6865_1 Datasheet
767Kb / 22P
Dual 2W Power Amplifier 3 Stereo Inputs with Volume Control
logo
Princeton Technology Co...
PT2812 PTC-PT2812 Datasheet
210Kb / 5P
3W Stereo Class-D Amplifier with 3 Inputs and Volume
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com