Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRF1280A-R47Y Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRF1280A-R47Y
Description  Dual-Winding Shielded Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRF1280A-R47Y Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRF1280A-R47Y Datasheet HTML 1Page - Bourns Electronic Solutions SRF1280A-R47Y Datasheet HTML 2Page - Bourns Electronic Solutions SRF1280A-R47Y Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
■ Multiple applications: parallel, series,
dual-inductor and transformer
■ Magnetically shielded, low radiation
■ Inductance range: 0.47 to 4000
μH
■ Rated current up to 17.9 A
■ AEC-Q200 qualified
■ RoHS compliant* and halogen free**
Applications
■ Automotive systems:
- Driver assistant
- Entertainment
- Information
- Lighting
■ DC/DC converters
■ Power supplies
■ SEPIC - DC/DC converters
SRF1280A Series - Dual-Winding Shielded Power Inductors
Test Voltage ..................................0.25 V
Operating Temperature
................................-40 °C to +125 °C
(Temperature rise included)
Storage Temperature
................................-40 °C to +125 °C
Resistance to Solder Heat
............................. +245 °C for 10 sec.
Temperature Rise
.......................40 °C typ. at rated
Irms
Inductance drop................... 30 % at Isat
Electrical Specifications @ 25 °C
General Specifications
Core..............................................Ferrite
Wire ............................Enameled copper
Terminal Finish ...................................Sn
Packaging.................... 400 pcs. per reel
Materials
Product Dimensions
DIMENSIONS:
MM
(INCHES)
How to Order
SRF1280A - 100M
Model
Value Code (see table)
* RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
** Bourns follows the prevailing definition of “halogen free” in the industry. Bourns considers a product to be
“halogen free” if (a) the Bromine (Br) content is 900 ppm or less; (b) the Chlorine (Cl) content is 900 ppm or less;
and (c) the total Bromine (Br) and Chlorine (Cl) content is 1500 ppm or less.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual
device performance may vary over time.
Users should verify actual device performance in their specific applications.
Bourns
Part No.
Parallel Rating
Series Rating
Inductance
@ 100 KHz
L (
μH)
Tol.
(%)
DCR
(
Ω)
Max.
Irms
(A)
Isat
(A)
Inductance
@ 100 KHz
L (
μH)
Tol.
(%)
DCR
(
Ω)
Max.
Irms
(A)
Isat
(A)
SRF1280A-R47Y
0.47
± 30
0.0055
17.9
56
1.88
± 30
0.0216
8.94
28
SRF1280A-1R0Y
1.0
± 30
0.0067
15.5
40
4
± 30
0.026
7.74
20
SRF1280A-1R5Y
1.5
± 30
0.0076
13.5
31.1
6
± 30
0.0306
6.77
15.6
SRF1280A-2R2Y
2.2
± 30
0.0092
12.5
25.5
8.8
± 30
0.0338
6.23
12.7
SRF1280A-3R3Y
3.3
± 30
0.011
10.4
21.5
13.2
± 30
0.04
5.23
10.8
SRF1280A-4R7Y
4.7
± 30
0.0135
8.25
16.5
18.8
± 30
0.05
4.13
8.24
SRF1280A-6R8Y
6.8
± 30
0.0183
7.34
13.3
27.2
± 30
0.0656
3.67
6.67
SRF1280A-8R2Y
8.2
± 30
0.0191
6.32
12.2
32.8
± 30
0.0714
3.16
6.09
SRF1280A-100M
10
± 20
0.0241
6.04
11.2
40
± 20
0.0921
3.02
5.6
SRF1280A-150M
15
± 20
0.0333
5.03
9.66
60
± 20
0.129
2.51
4.83
SRF1280A-220M
22
± 20
0.0503
4
7.57
88
± 20
0.192
2
3.78
SRF1280A-330M
33
± 20
0.0664
3.23
6.22
132
± 20
0.265
1.61
3.11
SRF1280A-470M
47
± 20
0.0898
2.95
5.28
188
± 20
0.353
1.47
2.64
SRF1280A-680M
68
± 20
0.123
2.44
4.44
272
± 20
0.469
1.22
2.22
SRF1280A-820M
82
± 20
0.153
2.09
4.06
328
± 20
0.578
1.04
2.03
SRF1280A-101M
100
± 20
0.175
1.96
3.64
400
± 20
0.701
0.98
1.82
SRF1280A-151M
150
± 20
0.261
1.59
3.01
600
± 20
1.013
0.796
1.51
SRF1280A-221M
220
± 20
0.343
1.29
2.43
880
± 20
1.38
0.645
1.22
SRF1280A-331M
330
± 20
0.54
1.04
2.01
1320
± 20
2.172
0.522
1.01
SRF1280A-471M
470
± 20
0.865
0.85
1.68
1880
± 20
3.3
0.427 0.838
SRF1280A-681M
680
± 20
1.296
0.76
1.39
2720
± 20
4.888
0.38
0.697
SRF1280A-821M
820
± 20
1.632
0.65
1.27
3280
± 20
5.896
0.325 0.633
SRF1280A-102M
1000
± 20
1.992
0.61
1.14
4000
± 20
7.202
0.307 0.571
12.50
(.492)
MAX.
MAX.
12.50
(.492)
MAX.
8.00
(.315)
4
3
1
2
1.80 ± 0.2
(.071 ± .008)
5.00 ± 0.3
(.197 ± .012)
5.00 ± 0.3
(.197 ± .012)
1
2
34
1
2
4
3
DUAL INDUCTOR MODE
SERIES MODE
2.15
(.085)
2.15
(.085)
1.28
(.050)
1.28
(.050)
4.50
(.204)
4.50
(.204)
13.00
(.512)
13.00
(.512)
Recommended Layout
Electrical Schematic
DIMENSIONS:
MM
(INCHES)
N2
2
4
N1
1
3
N2
2
4
N1
1
3
N2
2
4
N1
1
3
PARALLEL
SERIES
101


Similar Part No. - SRF1280A-R47Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRF1280A-R47Y BOURNS-SRF1280A-R47Y Datasheet
186Kb / 4P
SRF1280A Series - Dual-Winding Shielded Power Inductors
REV. 11/19
More results

Similar Description - SRF1280A-R47Y

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
DRQ73-R33-R COOPER-DRQ73-R33-R Datasheet
483Kb / 7P
Dual Winding, Shielded Inductors/Transformer
logo
Bourns Electronic Solut...
SRF0703 BOURNS-SRF0703 Datasheet
376Kb / 2P
Dual-Winding Shielded Power Inductors
SRF0703-100M BOURNS-SRF0703-100M_12 Datasheet
376Kb / 2P
Dual-Winding Shielded Power Inductors
SRF1260 BOURNS-SRF1260_13 Datasheet
356Kb / 2P
Dual-Winding Shielded Power Inductors
SRF1260-100M BOURNS-SRF1260-100M_13 Datasheet
356Kb / 2P
Dual-Winding Shielded Power Inductors
SRF1260A BOURNS-SRF1260A Datasheet
445Kb / 2P
Dual-Winding Shielded Power Inductors
SRF1280-100M BOURNS-SRF1280-100M Datasheet
362Kb / 2P
Dual-Winding Shielded Power Inductors
SRF1280-100M BOURNS-SRF1280-100M_13 Datasheet
356Kb / 2P
Dual-Winding Shielded Power Inductors
SRF0703A-8R2M BOURNS-SRF0703A-8R2M Datasheet
467Kb / 3P
Dual-Winding Shielded Power Inductors
logo
RENCO ELECTRONICS, INC.
RLD-7500-0 RENCO-RLD-7500-0 Datasheet
1Mb / 5P
SHIELDED DUAL WINDING SMD POWER INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com