Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRF1280A-R47Y Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SRF1280A-R47Y
Description  Dual-Winding Shielded Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRF1280A-R47Y Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SRF1280A-R47Y Datasheet HTML 1Page - Bourns Electronic Solutions SRF1280A-R47Y Datasheet HTML 2Page - Bourns Electronic Solutions SRF1280A-R47Y Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Soldering Profile
Peak Temperature:
245 °C max.
Time Above 245 °C:
30 sec. max.
Time Above 217 °C:
60 ~ 150 sec. max.
250
0
50
50
200
150
100
+4.0 °C / sec. max.
150~200 °C / 60~120 sec.
+3.0 °C / sec. max.
-(1.0~5.0) °C / sec. max.
Temperature
Rising Area
Preheat Area
Reflow Area
Forced Cooling Area
200
Time (Seconds)
100
150
60 ~ 150 sec.
60 sec. max.
217 °C
60 ~ 120 sec.
250
SRF1280A Series - Dual-Winding Shielded Power Inductors
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Inductance vs. IDC
3.3
4.4
2.2
1.1
0.0
3.38
4.50
2.25
1.13
0.0
IDC (A)
IDC (A)
L @ 25 °C
L @ 125 °C
ΔT @ 25 °C
0.0
20.0
40.0
60.0
80.0
100.0
0.0
10.0
20.0
30.0
40.0
50.0
0.0
200.0
400.0
600.0
800.0
0.9
1.2
0.6
0.3
0.0
0.28
0.0
0.55
1.10
0.83
IDC (A)
IDC (A)
L @ 25 °C
L @ 125 °C
ΔT @ 25 °C
0.0
20.0
40.0
60.0
80.0
100.0
0.0
1200.0
300.0
600.0
900.0
0.4
0.2
0.0
0.20
0.0
0.60
0.40
0.80
1.00
0.8
1.0
0.6
IDC (A)
IDC (A)
L @ 25 °C
L @ 125 °C
ΔT @ 25 °C
0.0
20.0
40.0
60.0
80.0
100.0
SRF1280A-102M
SRF1280A-681M
SRF1280A-470M
SRF1280A-102M
SRF1280A-681M
SRF1280A-470M
Temperature Rise vs. IDC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com