Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSEP6-06AS Datasheet(PDF) 1 Page - IXYS Corporation

Part # DSEP6-06AS
Description  HiPerFREDTM Epitaxial Diode with soft recovery
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSEP6-06AS Datasheet(HTML) 1 Page - IXYS Corporation

  DSEP6-06AS Datasheet HTML 1Page - IXYS Corporation DSEP6-06AS Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2004 IXYS All rights reserved
1 - 2
DSEP 6-06AS
IXYS reserves the right to change limits, test conditions and dimensions.
HiPerFREDTM Epitaxial Diode
with soft recovery
Features
• Planar passivated chips
• Very short recovery time
• Extremely low switching losses
• Low I
RM-values
• Soft recovery behaviour
Applications
• Anti saturation diode
• Snubber diode
• Free wheeling diode in converters
and motor control circuits
• Rectifiers in switch mode power
supplies (SMPS)
• Inductive heating and melting
• Uninterruptible power supplies (UPS)
• Ultrasonic cleaners and welders
Advantages
• High reliability circuit operation
• Low voltage peaks for reduced
protection circuits
• Low noise switching
• Low losses
• Operating at lower temperature or
space saving by reduced cooling
Dimensions see pages D4 - 85-86
I
FAVM
=6 A
V
RRM
= 600 V
t
rr
= 20 ns
TO-252AA (DPAK)
Anode
Anode
Cathode (Flange)
V
RSM
V
RRM
Type
Marking
V
V
on product
600
600
DSEP 6-06AS
6P060AS
C
A
Symbol
Conditions
Maximum Ratings
I
FRMS
T
VJ = TVJM
26
A
I
FAVM
①
T
C = 152°C; rectangular, d = 0.5
6
A
I
FRM
t
P < 10 µs; rep. rating, pulse width limited by TVJM
12
A
I
FSM
T
VJ = 45°C;
t = 10 ms
(50 Hz), sine
40
A
E
AS
T
VJ = 25°C; non-repetitive
0.1
mJ
I
AS = 0.8 A; L = 180 µH
I
AR
V
A = 1.5·VR typ.; f = 10 kHz; repetitive
0.1
A
T
VJ
-40...+175
°C
T
VJM
175
°C
T
stg
-40...+150
°C
P
tot
T
C = 25°C
55
W
Weight
typ.
0.3
g
① I
FAVM rating includes reverse blocking losses
at T
VJM, VR = 0.6 VRRM, duty cycle d = 0.5
Data according to IEC 60747
Symbol
Conditions
Characteristic Values
typ.
max.
I
R
T
VJ = 25°C
V
R = VRRM
50
µA
T
VJ = 150°C VR = VRRM
0.2
mA
V
F
I
F = 6 A;
T
VJ = 150°C
1.33
V
T
VJ =
25°C
2.02
V
R
thJC
2.8
K/W
t
rr
I
F = 1 A; -di/dt = 200 A/µs; VR = 30 V; TVJ = 25°C
20
tbd
ns
I
RM
V
R = 100 V;
I
F = 10 A; -diF/dt = 100 A/µs
3.5
4.4
A
T
VJ = 100°C


Similar Part No. - DSEP6-06AS

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSEP6-06BS IXYS-DSEP6-06BS Datasheet
107Kb / 4P
High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
More results

Similar Description - DSEP6-06AS

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
L408 IXYS-L408 Datasheet
48Kb / 2P
HiPerFREDTM Epitaxial Diode with soft recovery
DSEP29-06A IXYS-DSEP29-06A Datasheet
50Kb / 3P
HiPerFREDTM Epitaxial Diode with soft recovery
DSEP60-06A IXYS-DSEP60-06A Datasheet
41Kb / 2P
HiPerFREDTM Epitaxial Diode with soft recovery
DSEP60-03A IXYS-DSEP60-03A Datasheet
32Kb / 2P
HiPerFREDTM Epitaxial Diode with soft recovery
DSEP IXYS-DSEP Datasheet
37Kb / 2P
HiPerFREDTM Epitaxial Diode with soft recovery
DSEP30-04A IXYS-DSEP30-04A Datasheet
35Kb / 2P
HiPerFREDTM Epitaxial Diode with soft recovery
DSEC240-06A IXYS-DSEC240-06A Datasheet
411Kb / 1P
HiPerFREDTM Epitaxial Diode with soft recovery
DSEP2X60-12A IXYS-DSEP2X60-12A Datasheet
33Kb / 2P
HiPerFREDTM Epitaxial Diode with soft recovery
DSEP29-03A IXYS-DSEP29-03A Datasheet
42Kb / 2P
HiPerFREDTM Epitaxial Diode with soft recovery
DSEP30-12A IXYS-DSEP30-12A Datasheet
40Kb / 2P
HiPerFREDTM Epitaxial Diode with soft recovery
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com