Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1S8-3.305/E-R Datasheet(PDF) 1 Page - Recom International Power

Part # R1S8-3.305/E-R
Description  1 Watt SMD Single Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R1S8-3.305/E-R Datasheet(HTML) 1 Page - Recom International Power

  R1S8-3.305/E-R Datasheet HTML 1Page - Recom International Power R1S8-3.305/E-R Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Derating-Graph
(Ambient Temperature)
Selection Guide
Part
Isolation
Input
Output
Output
Capacitive
Number
Voltage
Voltage
Voltage
Current
Efficiency
Load
SMD
(kVDC)
(VDC)
(VDC)
(mA)
(typ.)
(max.)
(1)
R1S**-3.305/E*
1
3.3
5
200
81%
2200µF
R1S**-0505/E*
1
5
5
200
81%
2200µF
R1S**-1205/E*
1
12
5
200
82%
2200µF
R1S**-2405/E*
1
24
5
200
80%
2200µF
** without marking denotes 5 pins out of 8 fitted (includes /H option) - e.g. R1S-3.305/EH
** with marking “8“ denotes 8 pins out of 8 fitted (/H option not available) - e.g. R1S8-3.305/E
* add Suffix “/H“ for 2kVDC Isolation Voltage - e.g. R1S-3.305/EH
* add Suffix “/P“ for Continuous Short Protection - e.g. R1S-3.305/EHP, R1S8-3.305/EP
* add Suffix “-R“ for tape & reel packing - e.g. R1S-3.305/EHP-R, R1S8-3.305/E-R
Specifications (measured at TA = 25°C, nominal input voltage, full load and after warm-up)
Input Voltage Range
±10%
Output Voltage Accuracy
3.3V, 5V, 12V, 24V
±5% max.
Line Voltage Regulation
3.3V, 5V, 12V, 24V
1.2% max.
(low line to high line at full load)
Load Voltage Regulation
Load Deviation 10% to 100%
15% max.
Output Ripple and Noise (20MHz BW)
50mVp-p typ., 100mVp-p max.
Operating Frequency (Vin=nominal input)
20kHz min. / 90kHz max.
Efficiency
see Selection Guide
Minimum Load = 0%
Specifications valid for 10% minimum load only
Isolation Voltage
(tested for 1 second)
1000 VDC
(rated for 1 minute***)
500VAC / 60Hz
H-Suffix
(tested for 1 second)
2000 VDC
H-Suffix
(rated for 1 minute***)
1000VAC / 60Hz
Isolation Capacitance
75pF max.
Isolation Resistance
(Viso=500V)
10G
Ω min.
Short-Circuit Protection
1 second
Operating Temperature Range
-40°C to +100°C
Storage Temperature
-55°C to +125°C
Reflow Temperature
RoHS compliant
245°C (30 sec.), Peak 255°C (5sec.) max.
Vapor Phase Process
(for more details see Application Notes)
230°C (90 sec.) max.
Relative Humidity
95% RH
Package Weight
(R1S8/xx05/E = 1.1g)
1.0g
Packing Quantity
40 pcs per Tube
500 pcs per Reel
MTBF (+25°C)
using MIL-HDBK 217F
3459 x 10³ hours
MTBF (+100°C)
using MIL-HDBK 217F
756 x 10³ hours
Certifications
UL General Safety
Report: E358085
UL60950-1
EN General Safety
Report: SPCLVD1112018
EN60950-1 2nd Edition
Note: Detailed Information see Application Notes chapter “MTBF“
1 Watt SMD
Single Output
● Efficiency 82% Full Load
● 1:1 Input Range
● 1kVDC and 2kVDC Isolation Option
● EN pending & UL Certified
● -40°C to +100°C Operating Temperature Range
● 1W SMD Package
Features
Unregulated
Converters
EN-60950-1 Certified
UL-60950-1 Certified
R1S/E
ECONOLINE
DC/DC-Converter
with 3 year Warranty
Refer to Application Notes
100
60
20
40
100
50
0
-40
150
Operating Temperature °C
0
80
Safe Operating Area
Description
The R1S/E series is an unregulated DC/DC converter in fully encapsulated open Frame
package style. This series has been designed to offer exceptionally high efficiency at low loads
and an extended operating temperature range. Uses include battery powered supplies, green
energy applications and general isolating/converting DC power where board space and high
efficiency is a premium.
RoHS
2011/65/EU
6/6
***Any data referred to in this datasheet are of indicative nature and based on our practical experience only. For further details, please refer
to our Application Notes.
E358085
REV: 2/2015
www.recom-power.com
E-28


Similar Part No. - R1S8-3.305/E-R

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R1S8-3.305/P RECOM-R1S8-3.305/P Datasheet
127Kb / 4P
DC/DC-Converter with 3 year Warranty
REV: 1/2016
More results

Similar Description - R1S8-3.305/E-R

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RSS-121.8 RECOM-RSS-121.8 Datasheet
114Kb / 4P
1 Watt SMD Single & Dual Output
R1S-0505 RECOM-R1S-0505 Datasheet
160Kb / 4P
1 Watt SMD Single & Dual Output
logo
List of Unclassifed Man...
R1S-0505-E ETC2-R1S-0505-E Datasheet
110Kb / 2P
1 Watt SMD Single Output
R1SE-0505-R ETC2-R1SE-0505-R Datasheet
98Kb / 2P
1 Watt SMD Single Output
logo
Recom International Pow...
R1SE RECOM-R1SE Datasheet
227Kb / 3P
1 Watt SMD Single Output
R1SE-H2 RECOM-R1SE-H2 Datasheet
285Kb / 4P
1 Watt SMD Single Output
R1SX RECOM-R1SX Datasheet
447Kb / 6P
1 Watt SMD Single Output
R1DX RECOM-R1DX Datasheet
1Mb / 8P
1 Watt SMD Single & Dual Output
R1ZX RECOM-R1ZX Datasheet
388Kb / 5P
1 Watt SMD Single Output
R1M RECOM-R1M Datasheet
869Kb / 6P
1 Watt SMD Single & Dual Output
REV.: 0/2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com