Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1S8-3.305/E-R Datasheet(PDF) 2 Page - Recom International Power

Part # R1S8-3.305/E-R
Description  1 Watt SMD Single Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R1S8-3.305/E-R Datasheet(HTML) 2 Page - Recom International Power

  R1S8-3.305/E-R Datasheet HTML 1Page - Recom International Power R1S8-3.305/E-R Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
R1S/E
Series
ECONOLINE
DC/DC-Converter
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
3.305
2405
0505
1205
Deviation / Load
-10
40%
0%
100%
60%
80%
20%
-5
Total Output current (%)
0505
0
5
10
15
20
25
3.305
1205
2405
R1S-xx05/E
Typical Characteristics
+10%
+5%
V Nom.
+5%
– 2%
10%
50%
100%
Output Load Current (%)
– 5%
Typical Load Line
Tolerance Envelope
Package Style and Pinning
Pin Connections
Function
Function
Pin #
5 Pins
8 Pins
1
-Vin
-Vin
2
+Vin
+Vin
4
-Vout
-Vout
5
+Vout
+Vout
3,6,7
NA
NC
8NC
NC
NC = No Internal Connection
NA = No Available Connection
Unit:
mm
Tolerance:
± 0.25 mm
2.54x3
=7.62±0.5
7.00
6.70
12.75
10.70
11.10
RECOM
R1S8-xx05/E
Pb
0.50 pin width
8
7
6
5
1
2
3
4
11.10
12.00
2.54
1.80
1.20
Footprint
(top view)
RECOM
R1S-xx05/E
Pb
0.50 pin width
8
5
1
2
4
11.10
12.00
2.54
1.80
1.20
Footprint
(top view)
1
2
3
4
8
7
6
5
8
5
1
2
4
8 Pins:
5 Pins:
Notes
Note 1: Maximum capacitive load is defined as the capacitive load that will allow start up in under 1 second without damage to the converter.
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit
written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
REV: 2/2015
E-29
www.recom-power.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com