Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R-78AA1.8-0.5SMD-R Datasheet(PDF) 1 Page - Recom International Power

Part # R-78AA1.8-0.5SMD-R
Description  0.5 AMP SMD Single Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-78AA1.8-0.5SMD-R Datasheet(HTML) 1 Page - Recom International Power

  R-78AA1.8-0.5SMD-R Datasheet HTML 1Page - Recom International Power R-78AA1.8-0.5SMD-R Datasheet HTML 2Page - Recom International Power R-78AA1.8-0.5SMD-R Datasheet HTML 3Page - Recom International Power R-78AA1.8-0.5SMD-R Datasheet HTML 4Page - Recom International Power R-78AA1.8-0.5SMD-R Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
INNOLINE
DC/DC-Converter
with 3 year Warranty
R-78AA-0.5
IEC/EN-60950-1 Certified
Note 1:1.5V Output can be unstable with Vin>30VDC
0.5 AMP
SMD
Single Output
● Replacement for R-78Axx-0.5SMD series
● RoHS 6/6 Conform (100% Lead Free)
● Efficiency up to 97%,Non isolated,
no need for heatsinks
● High Reflow Temperature SMD Package
● Adjustable Output Voltage
● Wide input range.(4.75V ~ 32V)
● Short circuit protection, Thermal shutdown
● Remote On/Off Control
● UL94V-0 Package Material
● Very Low Shutdown Current
● See Innoline Application Notes for use as an
inverter (alternative to LM79xx Linear)
Features
Selection Guide
Part
Input
Output
Adjust
Output
Efficiency
Number
Range
Voltage
Range
Current
Min. Vin Max. Vin
SMD
(V)
(V)
(V)
(A)
(%)
(%)
R-78AA1.5-0.5SMD*
4.75 – 30
1.5
fixed
0.5
73
63
R-78AA1.8-0.5SMD*
4.75 – 32
1.8
1.5~3.0
0.5
82
71
R-78AA2.5-0.5SMD*
4.75 – 32
2.5
1.5~3.0
0.5
87
77
R-78AA3.3-0.5SMD*
4.75 – 32
3.3
3.0~5.5
0.5
91
81
R-78AA5.0-0.5SMD*
6.5 – 32
5.0
3.0~8.0
0.5
94
86
R-78AA6.5-0.5SMD*
8.0 – 32
6.5
3.3~11.0
0.5
95
88
R-78AA9.0-0.5SMD*
11 – 32
9.0
4.5~12.6
0.5
96
92
R-78AA12-0.5SMD*
15 – 32
12
4.5~12.6
0.5
97
94
R-78AA15-0.5SMD*
18 – 32
15
fixed
0.5
97
95
120
100
20
60
100
75
0
-40
Operating Temperature (°C)
0
80
50
25
71
Safe Operating Area
85
40
Derating-Graph
(Ambient Temperature)
The R-78AAxx-0.5SMD series are manufactured without lead and meet the requirements for RoHS 6/6 as well as
the increased reflow soldering temperatures associated with vapor phase soldering, making these high efficiency
switching regulators ideally suited to modern pick-and-place mass production. The efficiency of up to 97% means
that very little energy is wasted as heat. The additional features of remote on/off control and adjustable output
voltages will find many uses in the battery-powered, industrial, medical and automotive markets.
Description
* add suffix -R for tape&reel packing e.g.
R-78AA5.0-0.5-R. For more details see Application Notes.
Standard Application Circuit
R-78AAxx-0.5SMD
GND
+Vout
+Vin
GND
C1
10µF
(Optional)
100µF
(Optional)
C2
1,2
10 3,7,8,9
6
4,5
R1
R2
Off/On
>1ms
To protect the converter from high inrush currents, use soft start Vin and C1=10µF
Output capacitor C2 recommended if load is very dynamic
RoHS
2011/65/EU
6/6
Refer to Application Notes
www.recom-power.com
I-7
REV: 1/2015


Similar Part No. - R-78AA1.8-0.5SMD-R

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-78AA1.8-1.0SMD-R RECOM-R-78AA1.8-1.0SMD-R Datasheet
115Kb / 4P
1.0 AMP SMD Single Output
More results

Similar Description - R-78AA1.8-0.5SMD-R

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-781.5-0.5 RECOM-R-781.5-0.5 Datasheet
116Kb / 4P
0.5 AMP SIP3 Single Output
R-78A1.5-0.5SMD RECOM-R-78A1.5-0.5SMD Datasheet
114Kb / 5P
0.5 AMP SMD Single Output
R-78HB3.3-0.5 RECOM-R-78HB3.3-0.5 Datasheet
112Kb / 4P
0.5 AMP SIP3 Single Output
R-781.5-0.5 RECOM-R-781.5-0.5_07 Datasheet
101Kb / 4P
0.5 AMP SIP3 Single Output
R-78XX-0 RECOM-R-78XX-0 Datasheet
101Kb / 4P
0.5 AMP SIP3 Single Output
R-78-0.5 RECOM-R-78-0.5 Datasheet
100Kb / 5P
0.5 AMP SIP3 Single Output
R-78HB RECOM-R-78HB Datasheet
104Kb / 4P
0.5 AMP SIP3 Single Output
R-78HB-W RECOM-R-78HB-W Datasheet
470Kb / 4P
0.5 AMP SIP3 Wired Single Output
R-78W-0.5 RECOM-R-78W-0.5 Datasheet
824Kb / 3P
0.5 AMP SIP3 Single Output
R-78K-0.5 RECOM-R-78K-0.5 Datasheet
1Mb / 9P
0.5 Amp SIP3 Single Output
REV.: 0/2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com