Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R-78AA1.8-0.5SMD-R Datasheet(PDF) 2 Page - Recom International Power

Part # R-78AA1.8-0.5SMD-R
Description  0.5 AMP SMD Single Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-78AA1.8-0.5SMD-R Datasheet(HTML) 2 Page - Recom International Power

  R-78AA1.8-0.5SMD-R Datasheet HTML 1Page - Recom International Power R-78AA1.8-0.5SMD-R Datasheet HTML 2Page - Recom International Power R-78AA1.8-0.5SMD-R Datasheet HTML 3Page - Recom International Power R-78AA1.8-0.5SMD-R Datasheet HTML 4Page - Recom International Power R-78AA1.8-0.5SMD-R Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Characteristics
Conditions
Min.
Typ.
Max.
Input Voltage Range
See Table
4.75V
32V
34V abs. max.
Output Voltage Range
See Table
1.5V
15V
Output Current (see Note)
All Series
0mA*
500mA
Short Circuit Input Current
Vin = 24V
60mA
100mA
Internal Power Dissipation
0.4W
Short Circuit Protection
Continuous, automatic recovery
Output Voltage Accuracy
100% Load
±2%
±3%
Adjustable Voltage Range
See Table 1
±50%
Line Voltage Regulation (Vin = min. to max. at full load)
1.5V to 6.5V
0.2%
0.4%
9V to 15V
0.1%
0.2%
Load Regulation (10 to 100% full load)
1.5V to 6.5V
0.7%
1.0%
9V to 15V
0.25%
0.4%
Dynamic Load Stability
100% <-> 50% load
±75V
±100mV
with 100µF Output capacitor
100% <-> 10% load
±100mV
Ripple & Noise (without Output Capacitor)
1.5V to 6.5V
20mVp-p
30mVp-p
9V to 15.5V
30mVp-p
40mVp-p
Temperature Coefficient
-40°C ~ +85°C ambient
0.015%/°C
Max capacitance Load
with normal start-up time, no external components
220µF
with <1 second start up time + diode protection circuit
6800µF
Switching Frequency
280kHz
330kHz
380kHz
Quiescent Current
Vin = min. to max. at 0% load
5mA
7mA
ON/OFF Remote Control Pin Drive Current
ON: Open or 1.6V<Vr<5V
OFF: GND or 0<Vr<1.6V
Ir=1.8µA typ
Converter Input Current (valid for Vr < 1.6V)
20µA
30µA
Remote On/Off Threshold Voltage (Vr rising)
2.4V
2.6V
2.8V
Remote On/Off Voltage Hysteresis
250mV
Operating Temperature Range (with derating)
-40°C
+85°C
Switch On/Off Time
(using Remote On/Off Control)
50ms
Operating Case Temperature
+100°C
Storage Temperature Range
-55°C
+125°C
Case Thermal Impedance
70°C / W
Case Material
Non-Conductive Black Plastic
Certifications
IEC/EN General Safety
Report: SPCLVD 1407030-1
IEC/EN-60950-1, 2nd Edition
EMC
Conducted Emissions (with filter)
EN55022
Class B
Radiated Emissions (with filter)
EN55022
Class B
ESD
EN61000-4-2
Class A
Radiated Immunity
EN61000-4-3
Class A
Fast Transient
EN61000-4-4
Class A
Conducted Immunity
EN61000-4-6
Class A
Magnetic Field Immunity
EN61000-4-8
Class A
Package Weight
2.7g
Packing Quantity
33pcs per Tube
250pcs per Reel
MTBF (+25°C)
using MIL-HDBK 217F
21098~29253 x 10³ hours
(+71°C)
4214-7365 x 10³ hours
*Note: Operation under no load will not damage these devices, however they may not meet all specifications. A minimum load of 6mA is recommended
R-78AAxx-0.5 SMD
Series
Specifications ( typical at 25°C, 10% minimum load, unless otherwise specified )
INNOLINE
DC/DC-Converter
} DetailedInformationsee
Application Notes chapter "MTBF"
I-8
www.recom-power.com
REV: 1/2015



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com