Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R-78T5.0-1.0/AC-R Datasheet(PDF) 1 Page - Recom International Power

Part # R-78T5.0-1.0/AC-R
Description  1.0 AMP SMD Single Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-78T5.0-1.0/AC-R Datasheet(HTML) 1 Page - Recom International Power

  R-78T5.0-1.0/AC-R Datasheet HTML 1Page - Recom International Power R-78T5.0-1.0/AC-R Datasheet HTML 2Page - Recom International Power R-78T5.0-1.0/AC-R Datasheet HTML 3Page - Recom International Power R-78T5.0-1.0/AC-R Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
INNOLINE
DC/DC-Converter
with 3 year Warranty
R-78T-1.0
RoHS
2011/65/EU
6/6
1.0 AMP
SMD
Single Output
● Efficiency up to 95%, no Need for Heatsinks!
● Industry Standard Pin-Out
● 1.5A Start-Up Overload Capacity
● Non-Isolated Regulator with very low Standby
Current
● Wide Input Range (7V ~ 42V)
● Short Circuit Protection
● Fixed Switching Frequency (350kHz), Shielded
Magnetics
Features
Selection Guide
Part
Input
Output
Output
Efficiency
Number
Range
Voltage
Current
Min. Vin
Max. Vin
SIP3
(V)
(V)
(A)
(%)
(%)
R-78T3.3-1.0*
7 – 42
3.3
1.0
88
79
R-78T5.0-1.0*
8 – 42
5.0
1.0
92
85
R-78T12-1.0*
15 – 42
12
1.0
95
92
*add suffix /FC, /AC or /AL for required pinning option
* add suffix -R for tape&reel packing e.g.
R-78T3.3-1.0/FC-R.
-Tray for Tray packaging, e.g. R-78T5.0-1.0/AC-Tray For more details see Application Notes.
Input Voltage Range
3.3V
7-42VDC
5V
8-42VDC
12V
15-42VDC
No Load Input Current
1mA typ.
Input Filter
C Filter
Voltage Accuracy
±2% typ. / ±3% max.
Line Regulation
(LL to HL at Full Load)
±0.2% typ.
Load Regulation
(10-100%)
±0.4% typ.
Minimum Load
10%
Ripple & Noise (20MHz Limited)
50mVp-p typ. / 100mVp-p max.
Transient Response 50mA/uS
100% - 50% Load
±250mV max.
Operating Frequency
350KHz typ.
Current Limit
1.5A / 10sec max.
Short Circuit Protection
Current limited to 3.5A typ.
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 125°C
Humidity
5% to 95% RH max.
Dimension
suffix /AC or /AL
23 x 27.2 x 10mm
suffix /FC
23 x 29.4 x 8mm
Weight
4.5g typ.
Cooling Method
Free Air Convection
MTBF (25°C)
MIL-HDBK-217F
367 x 10³ hours
Specifications ( typical at 25°C, 10% minimum load, unless otherwise specified )
1.2
1.0
0.2
0.6
100
75
0
-40
Operating Temperature (°C)
0
0.8
50
25
Safe Operating Area
85
0.4
1.4
1.6
55
10s
Overload
Standard Application Circuit
R-78T5.0-1.0
GND
+Vout
C1
Optional
C2
Optional
GND
+Vin
1
3
2
Derating-Graph
(Ambient Temperature)
Refer to Application Notes
Description
The R-78T is a switching regulator with a wide input voltage range and a low profile SMD package. Three output
voltages are available as standard: 3.3V, 5V and 12V. Due to the 1.5A start-up overload capability, the R-78T can
be used to replace 1A or 1.5A regulators in many applications. These modules come with three different styles to
be pin-compatible with existing solutions, but at a lower cost.
www.recom-power.com
I-33
REV: 1/2016


Similar Part No. - R-78T5.0-1.0/AC-R

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-78-0.5 RECOM-R-78-0.5 Datasheet
100Kb / 5P
0.5 AMP SIP3 Single Output
R-78-1.0 RECOM-R-78-1.0 Datasheet
99Kb / 3P
1.0 AMP SIP3 Single Output
R-781.5-0.5 RECOM-R-781.5-0.5 Datasheet
116Kb / 4P
0.5 AMP SIP3 Single Output
R-781.5-0.5 RECOM-R-781.5-0.5 Datasheet
101Kb / 4P
0.5 AMP SIP3 Single Output
R-781.5-0.5 RECOM-R-781.5-0.5 Datasheet
101Kb / 4P
0.5 AMP SIP3 Single Output
More results

Similar Description - R-78T5.0-1.0/AC-R

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-78A1.8-1.0SMD RECOM-R-78A1.8-1.0SMD Datasheet
148Kb / 4P
1.0 AMP SMD Single Output
R-78B1.5-1.0 RECOM-R-78B1.5-1.0 Datasheet
102Kb / 4P
1.0 AMP SIP3 Single Output
R-781.8-1.0 RECOM-R-781.8-1.0 Datasheet
101Kb / 3P
1.0 AMP SIP3 Single Output
R-78B-1.0 RECOM-R-78B-1.0 Datasheet
123Kb / 4P
1.0 AMP SIP3 Single Output
R-78C1.8-1.0 RECOM-R-78C1.8-1.0 Datasheet
102Kb / 2P
1.0 AMP SIP3 Single Output
R-78-1.0 RECOM-R-78-1.0 Datasheet
99Kb / 3P
1.0 AMP SIP3 Single Output
R-78AA-1.0 RECOM-R-78AA-1.0 Datasheet
115Kb / 4P
1.0 AMP SMD Single Output
R-78C-1.0 RECOM-R-78C-1.0 Datasheet
96Kb / 2P
1.0 AMP SIP3 Single Output
R-78E-1.0 RECOM-R-78E-1.0 Datasheet
311Kb / 3P
1.0 AMP SIP3 Single Output
R-78K-1.0 RECOM-R-78K-1.0 Datasheet
1Mb / 8P
1.0 Amp SIP3 Single Output
REV.: 0/2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com