Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R-78T5.0-1.0/AC-R Datasheet(PDF) 2 Page - Recom International Power

Part # R-78T5.0-1.0/AC-R
Description  1.0 AMP SMD Single Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-78T5.0-1.0/AC-R Datasheet(HTML) 2 Page - Recom International Power

  R-78T5.0-1.0/AC-R Datasheet HTML 1Page - Recom International Power R-78T5.0-1.0/AC-R Datasheet HTML 2Page - Recom International Power R-78T5.0-1.0/AC-R Datasheet HTML 3Page - Recom International Power R-78T5.0-1.0/AC-R Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Typical Characteristics
INNOLINE
DC/DC-Converter
R-78Txx-1.0
Series
100
95
60
70
55
75
65
80
85
90
0
20
40
60
80
100
Load (%)
7V
12V
24V
36V
42V
100
95
60
70
55
75
65
80
85
90
0
20
40
60
80
100
Load (%)
8V
12V
24V
36V
42V
100
95
70
75
80
85
90
0
20
40
60
80
100
Load (%)
15V
24V
36V
42V
30
35
25
40
45
0
0,2
0,4
0,6
0,8
1,0
Load Current [A]
24V
36V
42V
20
15
10
0
5
30
35
25
40
45
0
0,2
0,4
0,6
0,8
1,0
Load Current [A]
24V
36V
42V
20
15
10
0
5
30
35
25
40
45
0
0,2
0,4
0,6
0,8
1,0
Load Current [A]
24V
36V
42V
20
15
10
0
5
Efficiency
Ripple
R-78T3.3-1.0
R-78T5.0-1.0
R-78T12-1.0
I-34
www.recom-power.com
REV: 1/2016



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com