Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC1232LIN Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC1232LIN
Description  12-Bit, uP Compatible, Double-Buffered D to A Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC1232LIN Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DAC1232LIN Datasheet HTML 3Page - National Semiconductor (TI) DAC1232LIN Datasheet HTML 4Page - National Semiconductor (TI) DAC1232LIN Datasheet HTML 5Page - National Semiconductor (TI) DAC1232LIN Datasheet HTML 6Page - National Semiconductor (TI) DAC1232LIN Datasheet HTML 7Page - National Semiconductor (TI) DAC1232LIN Datasheet HTML 8Page - National Semiconductor (TI) DAC1232LIN Datasheet HTML 9Page - National Semiconductor (TI) DAC1232LIN Datasheet HTML 10Page - National Semiconductor (TI) DAC1232LIN Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Application Hints (Continued)
11 Automatic Transfer
The 12-bit DAC word is automatically transferred to the DAC register and the R-2R ladder when the second write (the 4 LSBs of
the data) occurs
TLH5690 – 7
12 Independent Processor Transfer Control
In this case a separate address is decoded to provide the XFER signal This allows the processor to load the next required DAC
word but not change the analog output until some time later most useful for the simultaneous updating of several DACs in a
system where their XFER lines would be tied together
TLH5690 – 8
13 Transfer via an External Strobe
This method is basically the same as the previous operation except the XFER signal is provided by a device other than the
processor This allows the DAC to hold the code for a conditional analog output signal which will be required on demand from an
external monitoring device (an analog voltage comparator for instance)
WR2 tied to a logic low (0V)
TLH5690 – 9
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com