Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC1232LIN Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC1232LIN
Description  12-Bit, uP Compatible, Double-Buffered D to A Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC1232LIN Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button DAC1232LIN Datasheet HTML 5Page - National Semiconductor (TI) DAC1232LIN Datasheet HTML 6Page - National Semiconductor (TI) DAC1232LIN Datasheet HTML 7Page - National Semiconductor (TI) DAC1232LIN Datasheet HTML 8Page - National Semiconductor (TI) DAC1232LIN Datasheet HTML 9Page - National Semiconductor (TI) DAC1232LIN Datasheet HTML 10Page - National Semiconductor (TI) DAC1232LIN Datasheet HTML 11Page - National Semiconductor (TI) DAC1232LIN Datasheet HTML 12Page - National Semiconductor (TI) DAC1232LIN Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Application Hints (Continued)
cations where the DAC is used in a continuous feedback
control loop and is driven by a binary updown counter or in
function generation circuits where a ROM is continuously
providing DAC data
Only the DAC1208 DAC1209 DAC1210 devices can have
all 12 inputs flow-through Simply grounding CS WR1 WR2
and XFER and tying Byte 1Byte 2 high allows both internal
registers to follow the applied digital inputs (flow-through)
and directly affect the DAC analog output
17 Address Decoding Tips
It is possible to map the MICRO-DACs into system ROM
space to allow more efficient use of existing address decod-
ing hardware The DAC in effect can share the same ad-
dresses of any number of ROM locations The ROM outputs
will only be enabled by a READ of its address (gated by the
system READ strobe) and the DAC will only accept data
that is written to the same address (gated by the system
WRITE strobe)
The Byte 1Byte 2 control function can easily be generated
by the processor’s least significant address bit (A0) by plac-
ing the DAC at two consecutive address locations and utiliz-
ing double-byte WRITE instructions which automatically in-
crement or decrement the address The CS and XFER sig-
nals can then be decoded from the remaining address bits
Care must be taken in selecting the actual address used
for Byte 1 of the DAC to prevent a carry (as a result of
incrementing the address for Byte 2) from propagating
through the address word and changing any of the bits de-
coded for CS or XFER
Figure 5 shows how to prevent this
effect
The same problem can occur from a borrow when an auto-
decremented address is used but only if the processor’s
address outputs are inverted before being decoded
18 Control Signal Timing
When interfacing these MICRO-DACs to any microproces-
sor there are two important time relationships that must be
considered to insure proper operation The first is the mini-
mum WR strobe pulse width which is specified as 320 ns for
VCCe114V to 1575V and operation over temperature but
typically a pulse width of only 250 ns is adequate A second
consideration is that the guaranteed minimum data hold
time of 90 ns should be met or erroneous data can be
latched This hold time is defined as the length of time data
must be held valid on the digital inputs
after a qualified (via
CS)WR strobe makes a low to high transition to latch the
applied data
If the controlling device or system does not inherently meet
these timing specs the DAC can be treated as a slow mem-
ory or peripheral and utilize a technique to extend the write
strobe A simple extension of the write time by adding a
wait state can simultaneously hold the write strobe active
and data valid on the bus to satisfy the minimum WR pulse
Write
Address Bits
Cycle
15
2
1
0
First
01
(Byte 1)
Decoded to
Second
Address DAC
1
0
(Byte 2)
Starting with a 0 prevents a carry on address incrementing
Used as Byte 1Byte2 Control
FIGURE 5
TLH5690-12
FIGURE 6 Accommodating a High Speed System
X
Y
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com