Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1726 Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC1726
Description  Low Drive Power Requirements
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1726 Datasheet(HTML) 3 Page - IXYS Corporation

  CPC1726 Datasheet HTML 1Page - IXYS Corporation CPC1726 Datasheet HTML 2Page - IXYS Corporation CPC1726 Datasheet HTML 3Page - IXYS Corporation CPC1726 Datasheet HTML 4Page - IXYS Corporation CPC1726 Datasheet HTML 5Page - IXYS Corporation CPC1726 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1726
www.ixysic.com
3
R04
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
Turn-On Time (ms)
0.49
0.55
0.61
0.67
0.73
0.79
0.85
0
5
10
15
20
Typical Turn-OnTime Distribution
(N=50, I
F=10mA, VL=10V)
Turn Off Time (ms)
0.035
0.038
0.041
0.044
0.047
0.050
0
5
10
15
20
25
Typical Turn-Off Time Distribution
(N=50, I
F=10mA, VL=10V)
On Resistance ( )
0.61
0.62
0.63
0.64
0.65
0.66
0.67
0
5
10
15
20
25
Typical On-Resistance Distribution
(N=50, I
F=10mA, IL=1A)
Blocking Voltage (V
P)
285
288
291
294
297
300
0
5
10
15
20
25
30
Typical Blocking Voltage Distribution
(N=50)
LED Forward Voltage (V)
1.230
1.235
1.240
1.245
1.250
0
5
10
15
20
25
30
Typical LED Forward Voltage Drop
(N=50, I
F=5mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.1
1.2
1.3
1.4
1.5
1.6
Typical LED Forward Voltage
vs. Temperature
I
F=50mA
I
F=10mA
I
F=20mA
LED Forward Current (mA)
0
1020
304050
100
200
300
400
500
600
700
Typical Turn-On Time
vs. LED Forward Current
(V
L=10V, RL=1k
)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
Typical Turn-On Time
vs. Temperature
(I
F=10mA, VL=10V, RL=1k
)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.6
2.0
2.4
2.8
3.2
3.6
Typical I
F for Switch Operation
vs. Temperature
(I
L=500mA)
LED Forward Current (mA)
0
1020
304050
40
45
50
55
60
Typical Turn-Off Time
vs. LED Forward Current
(V
L=10V, RL=1k
)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.025
0.030
0.035
0.040
0.045
0.050
0.055
Typical Turn-Off Time
vs. Temperature
(I
F=10mA, VL=10V, RL=1k
)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.6
1.7
1.8
1.9
2.0
2.1
2.2
Typical I
F for Switch Dropout
vs. Temperature
PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com