Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1726 Datasheet(PDF) 4 Page - IXYS Corporation

Part # CPC1726
Description  Low Drive Power Requirements
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1726 Datasheet(HTML) 4 Page - IXYS Corporation

  CPC1726 Datasheet HTML 1Page - IXYS Corporation CPC1726 Datasheet HTML 2Page - IXYS Corporation CPC1726 Datasheet HTML 3Page - IXYS Corporation CPC1726 Datasheet HTML 4Page - IXYS Corporation CPC1726 Datasheet HTML 5Page - IXYS Corporation CPC1726 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R04
CPC1726
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
Load Voltage (V)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
200
400
600
800
1000
1200
Typical Load Current
vs. Load Voltage
(I
F=10mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
500
600
700
800
900
1000
1100
Maximum Load Current
vs. Temperature
(I
F=10mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
Typical On-Resistance vs. Temperature
(I
F=10mA, IL=500mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
275
280
285
290
295
300
305
310
315
Typical Blocking Voltage
vs. Temperature
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
5
10
15
20
25
30
Leakage Current vs. Temperature
Measured Across Pins 3 & 4
(V
L=250V)
Energy Rating Curve
Free air, No Heat Sink
Time
8
7
6
5
4
3
2
1
0
1ms
100ms
10s
10ms
1s
100s
10 s 100 s
PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com