Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30CPQ080 Datasheet(PDF) 1 Page - International Rectifier

Part # 30CPQ080
Description  SCHOTTKY RECTIFIER 30 Amp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

30CPQ080 Datasheet(HTML) 1 Page - International Rectifier

  30CPQ080 Datasheet HTML 1Page - International Rectifier 30CPQ080 Datasheet HTML 2Page - International Rectifier 30CPQ080 Datasheet HTML 3Page - International Rectifier 30CPQ080 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SCHOTTKY RECTIFIER
30 Amp
30CPQ080
30CPQ100
PD-2.333 rev. A 12/97
1
www.irf.com
Dimensions in millimeters and inches
Conforms to JEDEC Outline TO-247AC (TO-3P)
CASE STYLE AND DIMENSIONS
I
F(AV)
Rectangular
30
A
waveform
V
RRM
80/100
V
I
FSM
@ tp = 5 µs sine
920
A
V
F
@15Apk,T
J
=125°C
0.67
V
(per leg)
T
J
-55to175
°C
Characteristics
30CPQ...
Units
Major Ratings and Characteristics
Description/Features
The 30CPQ... center tap Schottky rectifier has been optimized
for low reverse leakage at high temperature. The proprietary
barrier technology allows for reliable operation up to 175° C
junction temperature. Typical applications are in switching
power supplies, converters, free-wheeling diodes, and reverse
battery protection.
175° C T
J
operation
Center tap TO-247 package
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
Low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability


Similar Part No. - 30CPQ080

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30CPQ080 IRF-30CPQ080 Datasheet
217Kb / 6P
SCHOTTKY RECTIFIER
logo
Vishay Siliconix
30CPQ080 VISHAY-30CPQ080 Datasheet
118Kb / 6P
Schottky Rectifier, 2 x 15 A
22-Aug-08
logo
Sangdest Microelectroni...
30CPQ080 SMC-30CPQ080 Datasheet
226Kb / 5P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
30CPQ080 SMCDIODE-30CPQ080 Datasheet
339Kb / 4P
30CPQ080/30CPQ100 SCHOTTKY RECTIFIER
Rev. A
logo
Inchange Semiconductor ...
30CPQ080 ISC-30CPQ080 Datasheet
300Kb / 2P
Schottky Rectifier
More results

Similar Description - 30CPQ080

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SD41 MICROSEMI-SD41 Datasheet
117Kb / 2P
30 Amp Schottky Rectifier
21FQ040 MICROSEMI-21FQ040 Datasheet
136Kb / 2P
30 AMP SCHOTTKY RECTIFIER
logo
International Rectifier
21FQ IRF-21FQ Datasheet
47Kb / 4P
SCHOTTKY RECTIFIER 30 Amp
30CTQ060STRLPBF IRF-30CTQ060STRLPBF Datasheet
258Kb / 7P
SCHOTTKY RECTIFIER 30 Amp
30L30CTPBF IRF-30L30CTPBF Datasheet
533Kb / 7P
SCHOTTKY RECTIFIER 30 Amp
MBR2535CTPBF IRF-MBR2535CTPBF Datasheet
169Kb / 6P
SCHOTTKY RECTIFIER 30 Amp
30CPQ080G IRF-30CPQ080G Datasheet
167Kb / 6P
SCHOTTKY RECTIFIER 30 Amp
30CPQ035PBF IRF-30CPQ035PBF Datasheet
238Kb / 6P
SCHOTTKY RECTIFIER 30 Amp
30CPQ050PBF IRF-30CPQ050PBF Datasheet
211Kb / 6P
SCHOTTKY RECTIFIER 30 Amp
logo
New Jersey Semi-Conduct...
SBR3035 NJSEMI-SBR3035 Datasheet
87Kb / 1P
30 Amp Schottky Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com