Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30CPQ080 Datasheet(PDF) 2 Page - International Rectifier

Part # 30CPQ080
Description  SCHOTTKY RECTIFIER 30 Amp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

30CPQ080 Datasheet(HTML) 2 Page - International Rectifier

  30CPQ080 Datasheet HTML 1Page - International Rectifier 30CPQ080 Datasheet HTML 2Page - International Rectifier 30CPQ080 Datasheet HTML 3Page - International Rectifier 30CPQ080 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
30CPQ080, 30CPQ100
PD-2.333 rev. A 12/97
2
www.irf.com
Part number
30CPQ080
30CPQ100
V
R
Max. DC Reverse Voltage (V)
V
RWM
Max. Working Peak Reverse Voltage (V)
80
100
T
J
Max.JunctionTemperatureRange
-55to175
°C
T
stg
Max.StorageTemperatureRange
-55to175
°C
R
thJC
Max.ThermalResistanceJunction
2.20
°C/W
DCoperation
* See Fig. 4
toCase (Per Leg)
R
thJC
Max.ThermalResistanceJunction
1.10
°C/W
DCoperation
toCase(Per Package)
R
thCS
TypicalThermalResistance,Case
0.24
°C/W
Mountingsurface,smoothandgreased
toHeatsink
wt
ApproximateWeight
6(0.21)
g(oz.)
T
MountingTorque
Min.
6(5)
Non-lubricatedthreads
Max.
12(10)
Case Style
TO-247AC(TO-3P)
JEDEC
Thermal-Mechanical Specifications
Kg-cm
(Ibf-in)
Parameters
30CPQ... Units
Conditions
Absolute Maximum Ratings
Following any rated
load condition and with
rated V
RRM
applied
Parameters
30CPQ... Units
Conditions
A
V
FM
Max. Forward Voltage Drop
0.86
V
@ 15A
(Per Leg) * See Fig. 1
(1)
1.05
V
@ 30A
0.67
V
@ 15A
0.81
V
@ 30A
I
RM
Max. Reverse Leakage Current
0.55
mA
T
J
= 25 °C
(Per Leg) * See Fig. 2
(1)
7
mA
T
J
= 125 °C
C
T
Max. Junction Capacitance (Per Leg)
500
pF
V
R
= 5V
DC
, (test signal range 100Khz to 1Mhz) 25°C
L
S
Typical Series Inductance (Per Leg)
7.5
nH
Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change
10,000
V/ µs
(Rated V
R
)
T
J
= 25 °C
T
J
= 125 °C
V
R
= rated V
R
Parameters
30CPQ... Units
Conditions
(1) Pulse Width < 300µs, Duty Cycle <2%
Voltage Ratings
Electrical Specifications
I
F(AV)
Max.AverageForwardCurrent
30
A
50%dutycycle@T
C
= 140°C,rectangularwaveform
* See Fig. 5
I
FSM
Max.PeakOneCycleNon-Repetitive
920
5µs Sine or 3µs Rect. pulse
SurgeCurrent (Per Leg) *SeeFig.7
240
10ms Sine or 6ms Rect. pulse
E
AS
Non-RepetitiveAvalancheEnergy
7.50
mJ
T
J
= 25 °C, I
AS
= 0.50 Amps, L = 60 mH
(Per Leg)
I
AR
RepetitiveAvalancheCurrent
0.50
A
Currentdecayinglinearlytozeroin1µsec
(Per Leg)
Frequency limited by T
J
max. V
A
= 1.5 x V
R
typical



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com