Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1727 Datasheet(PDF) 4 Page - IXYS Corporation

Part # CPC1727
Description  Arc-Free With No Snubbing Circuits
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1727 Datasheet(HTML) 4 Page - IXYS Corporation

  CPC1727 Datasheet HTML 1Page - IXYS Corporation CPC1727 Datasheet HTML 2Page - IXYS Corporation CPC1727 Datasheet HTML 3Page - IXYS Corporation CPC1727 Datasheet HTML 4Page - IXYS Corporation CPC1727 Datasheet HTML 5Page - IXYS Corporation CPC1727 Datasheet HTML 6Page - IXYS Corporation CPC1727 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
R06
www.ixysic.com
4
CPC1727
3
Performance Data @ 25°C (Unless Otherwise Noted)
Unless otherwise specified, all performance data was acquired without the use of a heat sink.
The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the
written specifications, please contact our application department.
-40
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
Temperature (ºC)
Typical I
F for Switch Operation
vs. Temperature
(I
L=1ADC)
-40
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
-20
0
20
40
60
80
100
I
F = 20mA
I
F = 10mA
Typical Turn-Off Time vs. Temperature
(I
L=1ADC)
Temperature (ºC)
-40
14
12
10
8
6
4
2
0
-20
0
20
40
60
80
100
I
F
= 10mA
I
F
= 20mA
Typical Turn-On Time vs. Temperature
(I
L=1ADC)
Temperature (ºC)
Typical LED Forward Voltage Drop
vs. Temperature
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
I
F
=10mA
I
F
=20mA
I
F
=50mA
Temperature (ºC)
0
5
1015202530354045
0.18
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0.00
50
LED Forward Current (mA)
Typical Turn-Off Time
vs. LED Forward Current
(I
L=1ADC)
0
5
1015202530354045
11
10
9
8
7
6
5
3
2
1
0
50
12
4
Typical Turn-On Time
vs. LED Forward Current
(I
L=1ADC)
LED Forward Current (mA)
35
30
25
20
15
10
5
0
1.30
1.31
1.32
1.33
1.34
Typical LED Forward Voltage Drop
(N=50, I
F=10mA, IL=1ADC)
LED Forward Voltage (V)
35
30
25
20
15
10
5
0
0.0575 0.0600 0.0625 0.0650 0.0675 0.0700
On-Resistance (
Ω)
Typical On-Resistance Distribution
(N=50, I
F=10mA, IL=1ADC)
0.105
0.125
0.145
0.095
0.115
0.135
25
20
15
10
5
0
Typical Turn-Off Time
(N=50, I
F=20mA, IL=1ADC)
Turn-Off (ms)
35
30
25
20
15
10
5
0
3.75
4.50
5.25
6.75
6.00
7.50
Turn-On (ms)
Typical Turn-On Time
(N=50, I
F=20mA, IL=1ADC)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com