Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1727 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC1727
Description  Arc-Free With No Snubbing Circuits
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1727 Datasheet(HTML) 1 Page - IXYS Corporation

  CPC1727 Datasheet HTML 1Page - IXYS Corporation CPC1727 Datasheet HTML 2Page - IXYS Corporation CPC1727 Datasheet HTML 3Page - IXYS Corporation CPC1727 Datasheet HTML 4Page - IXYS Corporation CPC1727 Datasheet HTML 5Page - IXYS Corporation CPC1727 Datasheet HTML 6Page - IXYS Corporation CPC1727 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
DS-CPC1727-R06
www.ixysic.com
1
Characteristics
Features
• 8.6A
DC Load Current with 5°C/W Heat Sink
• Low 0.09
 On-Resistance
• 250V
P Blocking Voltage
• 2500V
rms Input/Output Isolation
• Low Thermal Resistance:
JC = 0.3 °C/W
• Isolated, Low Thermal Impedance Ceramic Pad for
Heat Sink Applications
• Low Drive Power Requirements
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
Applications
• Industrial Controls / Motor Control
• Robotics
• Medical Equipment—Patient/Equipment Isolation
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Transportation Equipment
• Aerospace/Defense
Approvals
• UL 508 Certified Component: File E69938
• CSA Certified Component: Certificate 1172007
Pin Configuration
Description
IXYS Integrated Circuits Division and IXYS have
combined to bring OptoMOS® technology, reliability
and compact size to a new family of high-power Solid
State Relays.
As part of this family, the CPC1727 single-pole
normally open (1-Form-A) DC Solid State Power
Relay employs optically coupled MOSFET technology
to provide 2500Vrms of input to output isolation.
The optically coupled outputs, that use patented
OptoMOS architecture, are controlled by a highly
efficient infrared LED. The combination of low
on-resistance and high load current handling
capability makes this relay suitable for a variety of high
performance DC switching applications.
The unique ISOPLUS-264 package pioneered by
IXYS enables Solid State Relays to achieve the
highest load current and power ratings. This package
features a unique IXYS process where the silicon
chips are soft soldered onto the Direct Copper Bond
(DCB) substrate instead of the traditional copper
leadframe. The DCB ceramic, the same substrate
used in high power modules, not only provides
2500Vrms isolation, but also very low junction-to-case
thermal resistance (0.3 °C/W).
Ordering Information
Switching Characteristics
Parameter
Rating
Units
Blocking Voltage
250
VP
Load Current, TA=25°C:
With 5°C/W Heat Sink
8.6
ADC
No Heat Sink
3.4
On-Resistance (max)
0.09
Thermal Resistance,
Junction-to-Case,
JC
0.3
°C/W
12
3
4
+-
-
+
Part
Description
CPC1727J
ISOPLUS-264 Package (25 per tube)
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
CPC1727
250V Single-Pole, Normally Open
DC-Only Power Relay


Similar Part No. - CPC1727

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1727 CLARE-CPC1727 Datasheet
125Kb / 6P
ISOPLUS??264 DC Power Relay
CPC1727 CLARE-CPC1727 Datasheet
871Kb / 7P
ISOPLUS??264 DC Power Relay
CPC1727J CLARE-CPC1727J Datasheet
125Kb / 6P
ISOPLUS??264 DC Power Relay
CPC1727J CLARE-CPC1727J Datasheet
871Kb / 7P
ISOPLUS??264 DC Power Relay
logo
IXYS Corporation
CPC1727J IXYS-CPC1727J Datasheet
196Kb / 3P
Power Relay Branding
More results

Similar Description - CPC1727

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
CPW2870B15 CPI-CPW2870B15 Datasheet
61Kb / 2P
DC SPUTTERING POWER SUPPLY WITH ACTIVE ARC SUPPRESSION
logo
Analog Devices
ADV7511KSTZ AD-ADV7511KSTZ Datasheet
94Kb / 2P
225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
logo
IXYS Corporation
CPC1926 IXYS-CPC1926 Datasheet
107Kb / 6P
Arc-Free With No Snubbing Circuits
CPC1973 IXYS-CPC1973 Datasheet
107Kb / 6P
Arc-Free With No Snubbing Circuits
CPC1981 IXYS-CPC1981 Datasheet
106Kb / 6P
Arc-Free With No Snubbing Circuits
CPC1983 IXYS-CPC1983 Datasheet
110Kb / 6P
Arc-Free With No Snubbing Circuits
CPC1983B IXYS-CPC1983B Datasheet
115Kb / 6P
Arc-Free With No Snubbing Circuits
CPC1983YE IXYS-CPC1983YE Datasheet
113Kb / 6P
Arc-Free With No Snubbing Circuits
logo
PHOENIX CONTACT
PLC-OPT-230AC PHOENIX-PLC-OPT-230AC Datasheet
76Kb / 5P
Wear-free switching with no contact bounce
logo
Littelfuse
D0920 LITTELFUSE-D0920 Datasheet
285Kb / 1P
Arc-Flash Monitoring
2016 Rev: 4-C-071316
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com