Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1926 Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC1926
Description  Arc-Free With No Snubbing Circuits
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1926 Datasheet(HTML) 3 Page - IXYS Corporation

  CPC1926 Datasheet HTML 1Page - IXYS Corporation CPC1926 Datasheet HTML 2Page - IXYS Corporation CPC1926 Datasheet HTML 3Page - IXYS Corporation CPC1926 Datasheet HTML 4Page - IXYS Corporation CPC1926 Datasheet HTML 5Page - IXYS Corporation CPC1926 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1926
www.ixysic.com
3
R06
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
35
30
25
20
15
10
5
0
1.260
1.265
1.270
1.275
1.280
LED Forward Voltage (V)
Typical LED Forward Voltage Drop
(N=50, I
F=10mA, TA=25ºC)
2.0
2.4
2.8
1.8
2.2
2.6
Turn-On (ms)
25
20
15
10
5
0
Typical Turn-On Time
(N=50, I
F=10mA, IL=5mADC, TA=25ºC)
0.017
0.021
0.025
0.015
0.019
0.023
Turn-Off (ms)
25
20
15
10
5
0
Typical Turn-Off Time
(N=50, I
F=10mA, IL=5mADC, TA=25ºC)
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.25
1.23
1.27
Typical On-Resistance Distribution
(N=50, I
F=10mA, IL=0.7ADC, TA=25ºC)
On-Resistance ( )
35
30
25
20
15
10
5
0
265
269
273
267
271
275
Blocking Voltage (V
P)
277
Typical Blocking Voltage Distribution
(N=50, T
A=25ºC)
Typical LED Forward Voltage Drop
vs. Temperature
I
F=50mA
I
F=10mA
I
F=20mA
Temperature (ºC)
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
Typical Turn-On
vs.LED Forward Current
(I
L=100mADC)
LED Forward Current (mA)
0
5
1015202530354045
50
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
Typical Turn-Off
vs. LED Forward Current
(I
L=100mADC)
LED Forward Current (mA)
0
5
1015202530354045
50
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
Typical I
F for Switch Operation
vs. Temperature
(I
L=100mADC)
-40
5.50
5.25
5.00
4.75
4.50
4.25
4.00
3.75
3.50
3.25
3.00
-20
0
20
40
60
80
100
Temperature (ºC)
-40
-20
0
20
40
60
80
100
I
F=10mA
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
I
F=20mA
Typical Turn-On vs. Temperature
(I
L=100mADC)
Temperature (ºC)
-40
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
-20
0
20
40
60
80
100
I
F=20mA
I
F=10mA
Typical Turn-Off vs. Temperature
(I
L=100mADC)
Temperature (ºC)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com