Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1926 Datasheet(PDF) 4 Page - IXYS Corporation

Part # CPC1926
Description  Arc-Free With No Snubbing Circuits
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1926 Datasheet(HTML) 4 Page - IXYS Corporation

  CPC1926 Datasheet HTML 1Page - IXYS Corporation CPC1926 Datasheet HTML 2Page - IXYS Corporation CPC1926 Datasheet HTML 3Page - IXYS Corporation CPC1926 Datasheet HTML 4Page - IXYS Corporation CPC1926 Datasheet HTML 5Page - IXYS Corporation CPC1926 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R06
CPC1926
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
Typical On-Resistance
vs. Temperature
(I
F=10mA, IL=100mADC)
-40
-20
020406080100
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
Temperature (ºC)
Load Voltage (V)
-1.5
-1.0
-0.5
0.5
1.0
0
1.5
1.25
1.00
0.75
0.50
0.25
0.00
-0.25
-0.50
-0.75
-1.00
-1.25
Typical Load Current vs. Load Voltage
(I
F=10mA, TA=25ºC)
Maximum Load Current
vs. Temperature
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
Temperature (ºC)
-40
-20
0
20
40
60
80
120
100
I
F=20mA
I
F=10mA
Blocking Voltage vs. Temperature
-40
-20
0
20
40
60
80
100
300
295
290
285
280
275
270
265
260
Temperature (ºC)
Typical Leakage vs. Temperature
Measured across Pins 3 & 4
(V
L=250V)
-40
0.035
0.030
0.025
0.020
0.015
0.010
0.005
0
-20
0
20
40
60
80
100
Temperature (ºC)
Time
10 s 100 s 1ms 10ms 100ms
1s
10s
100s
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Energy Rating Curve
Free Air, No Heat Sink



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com