Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PECH Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # PECH
Description  Conductive Polymer Aluminum Solid Capacitors (SMT)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

PECH Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  PECH Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION PECH Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev. 7
Conductive Polymer Aluminum
Solid Capacitors (SMT)
RoHS
MERITEK
PECH Series
FEATURES
x Low ESR, surface mounting, reduced height, wide temperature range.
x Suitable for DC-DC converters, voltage regulators and decoupling
applications.
x Rated voltage: 2~2.5Vdc
x Endurance: 1000 hours at 105ºC
x RoHS compliant
SPECIFICATIONS
Item
Characteristic
Category Temperature Range
-55ºC ~ +105
qqC
Rated Voltage Range
2.0VDC ~ 2.5VDC
Capacitance Tolerance
M=±20%, Y=+10%~-35%
at 120Hz, 20ºC
Leakage Current
I
d 0.01CV (2.0VDC ~ 2.5VDC)
at 20ºC after 2 minutes
I : Leakage Current (
PPA)
C : Rated Capacitance(
PF)
V : Rated Voltage (V)
Surge Voltage
Rated voltage x 1.25V
at -55ºC ~ +105
qC
Dissipation Factor ( tan
GG )
0.06 (max)
at 120Hz, 20ºC
Endurance
Appearance: No significant damage
Capacitance change: ±10% of the initial value
DF(tan
δ): within initial limit
Leakage current: within initial limit
at +105
qqC rated voltage applied,
1000hours
Damp Heat, Steady State
Appearance: No significant damage
Capacitance change: +70%, -20% of the initial value
DF(tan
δ): ≤200% of the initial limit
Leakage current: within initial limit
at +60
qqC 90%~ 95% R.H., 500hours
Damp Heat, Steady State,
Applied Voltage
Appearance: No significant damage
Capacitance change: +70%, -20% of the initial value
DF(tan
δ): ≤200% of the initial limit
Leakage current: within initial limit
at +60
qqC 90%~ 95% R.H.
rated voltage, 500hours
Surge Voltage
Appearance: No significant damage
Capacitance change: ±10% of the initial value
DF(tan
δ): within initial limit
Leakage current: within initial limit
The capacitors shall be subjected to 1,000
cycles each consisting of charge with the
surge voltages, 125% rated voltage, at
105ºC for 30 seconds through a protective
resistor (R=1kΩ) and discharge for 5
minutes 30seconds
DIMENSIONS
Dim
Value
BL
7.3±0.3
BW
4.3±0.3
EW
2.4±0.2
BH
1.9±0.3
EL
1.3±0.2
All Dimensions in mms
PAD LAYOUT (mm)
2.4
2.8
3.8
2.4


Similar Part No. - PECH

ManufacturerPart #DatasheetDescription
logo
NIKO SEMICONDUCTOR CO.,...
PECH1EU NIKOSEM-PECH1EU Datasheet
409Kb / 6P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
REV 1.1
More results

Similar Description - PECH

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
APSF2R0ESS102MF08S NPC-APSF2R0ESS102MF08S Datasheet
49Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
List of Unclassifed Man...
APSA6R3ELL681MJB5S ETC2-APSA6R3ELL681MJB5S Datasheet
43Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
MERITEK ELECTRONICS COR...
PECS MERITEK-PECS Datasheet
927Kb / 2P
Conductive Polymer Aluminum Solid Capacitor (SMT)
logo
United Chemi-Con, Inc.
APSA100ELL470 CHEMI-CON-APSA100ELL470 Datasheet
37Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSC160ELL331 CHEMI-CON-APSC160ELL331 Datasheet
303Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSK2R5ELL561 CHEMI-CON-APSK2R5ELL561 Datasheet
294Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
Panasonic Semiconductor
63SXV33M PANASONIC-63SXV33M Datasheet
48Kb / 1P
Conductive Polymer Aluminum Solid Capacitors ?
2R5SVT560M PANASONIC-2R5SVT560M Datasheet
542Kb / 7P
Conductive Polymer Aluminum Solid Capacitors
4SEQP150M PANASONIC-4SEQP150M Datasheet
527Kb / 9P
Conductive Polymer Aluminum Solid Capacitors
SVPE PANASONIC-SVPE_V01 Datasheet
1Mb / 7P
Conductive Polymer Aluminum Solid Capacitors
01-Apr-22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com