Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PECH Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # PECH
Description  Conductive Polymer Aluminum Solid Capacitors (SMT)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

PECH Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  PECH Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION PECH Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Conductive Polymer Aluminum
Solid Capacitors
(SMT)
PECH
Series
dsada
SPECIFICATIONS
Note:
1. Test condition: 20⁰C, 100KHz~300KHz
2. Test condition:105⁰C, 100KHz
SOLDERING RECOMMENDATION
Zone
Name
temperature
Duration
A
1st rising temperature
The normal to preheating temperature
30s~60s
B
Preheating
140⁰C~160⁰C
60s~120s
C
2nd rising temperature
Preheating to 200⁰C
20s~40s
D
Main heating
If 217⁰C
90s
If 260⁰C
10s
E
Regular cooling
200⁰C~100⁰C
1⁰C/s ~4⁰C/s
Part Number
Working Voltage
Capacitance
Tolerance
tanφ
Leakage Current
ESR
1
Rated Ripple Current
2
(VDC)
(μF)
(μA)
(mΩ) MAX
(mArms)
PECH2R0471M
xxxx
2.0
470
±20%
0.06
94.0
4.5
3.8
PECH2R0471M
xxxx
2.0
470
±20%
0.06
94.0
6.0
3.5
PECH2R0471M
xxxx
2.0
470
±20
%
0.06
94.0
9.0
3.0
PECH2R5471M
xxxx
2.5
470
±20%
0.06
117.5
4.5
3.8
PECH2R5471M
xxxx
2.5
470
±20%
0.06
117.5
6.0
3.5
PECH2R5471M
xxxx
2.5
470
±20%
0.06
117.5
9.0
3.0
PECH2R5471Y
xxxx
2.
5
470
+10%/-35%
0.06
117.5
9.0
3.0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com