Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEEA16V331M Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # PEEA16V331M
Description  Conductive Polymer Aluminum Solid Capacitor (Radial Type)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

PEEA16V331M Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  PEEA16V331M Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION PEEA16V331M Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev. 7
Conductive Polymer Aluminum
Solid Capacitor
(Radial Type)
RoHS
MERITEK
PEEA Series
FEATURES
 Standard radial lead type, high voltage
 Rated voltage: 2.5V
DC ~35VDC
 Endurance: 2000hours at 105ºC
 Suitable for DC-DC converters, voltage regulators and decoupling applications.
SPECIFICATIONS
Item
Characteristic
Category Temperature Range
-55ºC ~ +105
C
Rated Voltage Range
2.5VDC ~ 35VDC
Surge Voltage
Rated voltage x 1.15V
at 105
C
Capacitance Tolerance
M=±20%
at 120Hz, 20ºC
Leakage Current
Shall not exceed values shown in standard ratings
at 20ºC after 2 minutes
Dissipation Factor ( tan
 )
0.12 (max)
at 120Hz, 20ºC
Temperature Stability
Impedance change
Z(-
55ºC)/Z(+20ºC)≤1.25
at -55
C, 100kHz
Z(+105ºC)/Z(+20ºC)≤1.25
at +105
C, 100kHz
Endurance
Appearance: no significant damage
Capacitance change:
≤ ±20% of the initial value
DF(tanδ): ≤ 150% of the initial specified value
ESR:
≤ 150% of the initial specified value
Leakage current:
≤ the initial specified value
The specifications shall be satisfied when
the capacitors are restored to 20ºC after
the rated voltage is applied for 2000hours
at 105ºC
Damp Heat, Steady State
Appearance: no significant damage
Capacitance change:
≤ ±20% of the initial value
DF(tanδ): ≤ 150% of the initial specified value
ESR:
≤ 150% of the initial specified value
Leakage current:
≤ the initial specified value
The specifications shall be satisfied when
the capacitors are restored to 20ºC after
subjecting them to store at 60ºC, 90%~
95% R.H. for 1000hours, without DC
applied.
Surge Voltage
Appearance: no significant damage
Capacitance change:
≤ ±20% of the initial value
DF(tanδ): ≤ 150% of the initial specified value
ESR:
≤ 150% of the initial specified value
Leakage current:
≤ the initial specified value
The capacitors shall be subjected to
1,000 cycles each consisting of charge
with the surge voltages specified at
105ºC for 30 seconds through a
protective resistor (R=1kΩ) and
discharge for 5 minutes 30 seconds
NOTE:
If any doubt arises, measure the leakage current after following voltage treatment -
Voltage treatment: DC rated voltage is applied to the capacitors for 60 minutes at 105ºC
DIMENSIONS (mm)
Size code
0406
0606
0609
0809
0812
1012
BD+0.5 (max)
4.0
6.3
6.3
8.0
8.0
10.0
BL,(max)
6.0
6.0
9.0
9.0
12.0
12.0
Φd±0.05
0.45
0.45
0.6
0.6
0.6
0.6
LS±0.4
1.5
2.5
2.5
3.5
3.5
5.0
LL±0.3
3.2
3.2
3.2
3.2
3.2
3.2


Similar Part No. - PEEA16V331M

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
PEE1100-12-054NA BEL-PEE1100-12-054NA Datasheet
1Mb / 25P
Front-End AC-DC Power Supplly
PEE1100-12-054RA BEL-PEE1100-12-054RA Datasheet
1Mb / 25P
Front-End AC-DC Power Supplly
PEE1100-12-054XA BEL-PEE1100-12-054XA Datasheet
1Mb / 25P
Front-End AC-DC Power Supplly
logo
Sensata Technologies, I...
PEE240A25 SENSATA-PEE240A25 Datasheet
320Kb / 5P
PCB MOUNT SOLID STATE RELAYS
07/09/2024 Rev. B
PEE240A25R SENSATA-PEE240A25R Datasheet
320Kb / 5P
PCB MOUNT SOLID STATE RELAYS
07/09/2024 Rev. B
More results

Similar Description - PEEA16V331M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APSA6R3ELL681MJB5S ETC2-APSA6R3ELL681MJB5S Datasheet
43Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
MERITEK ELECTRONICS COR...
PE MERITEK-PE Datasheet
678Kb / 3P
Conductive Polymer Aluminum Solid Capacitors (Radial Type)
PE5K MERITEK-PE5K Datasheet
809Kb / 2P
Conductive Polymer Aluminum Solid Capacitors (Radial type)
PE5P MERITEK-PE5P Datasheet
813Kb / 6P
Conductive Polymer Aluminum Solid Capacitors (Radial Type)
PECS MERITEK-PECS Datasheet
927Kb / 2P
Conductive Polymer Aluminum Solid Capacitor (SMT)
PEEP MERITEK-PEEP Datasheet
635Kb / 8P
Conductive Polymer Aluminum Solid Capacitor (Radial Type)
logo
United Chemi-Con, Inc.
APSA100ELL470 CHEMI-CON-APSA100ELL470 Datasheet
37Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSC160ELL331 CHEMI-CON-APSC160ELL331 Datasheet
303Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
Panasonic Semiconductor
63SXV33M PANASONIC-63SXV33M Datasheet
48Kb / 1P
Conductive Polymer Aluminum Solid Capacitors ?
SVPE PANASONIC-SVPE_V01 Datasheet
1Mb / 7P
Conductive Polymer Aluminum Solid Capacitors
01-Apr-22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com