Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEEA16V331M Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # PEEA16V331M
Description  Conductive Polymer Aluminum Solid Capacitor (Radial Type)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

PEEA16V331M Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  PEEA16V331M Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION PEEA16V331M Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rev. 7
Conductive Polymer Aluminum
Solid Capacitor
(Radial Type)
RoHS
MERITEK
PEEA Series
STANDARD RATINGS
Working Voltage(SV)
Capacitance
Size Code
Leakage Current
ESR
1
Rated Ripple Current
2
(Vdc)
(uF)
(uA)
(mΩ), max
(mArms)
PEEA2R5391M
2.5(2.9)
390
0606
195
20
3160
PEEA2R5821M
2.5(2.9)
820
0809
410
10
5230
PEEA2R5102M
2.5(2.9)
1000
0812
500
10
5230
PEEA2R5152M
2.5(2.9)
1500
1012
750
10
5560
PEEA4
561M
4.0(4.6)
560
0809
448
12
4710
PEEA4
821M
4.0(4.6)
820
1012
656
10
5560
PEEA4
122M
4.0(4.6)
1200
1012
960
10
5560
PEEA6R3221M
6.3(7.2)
220
0606
277
15
3160
PEEA6R3331M
6.3(7.2)
330
0606
416
17
3390
PEEA6R3561M
6.3(7.2)
560
0809
705
15
4210
PEEA6R3821M
6.3(7.2)
820
1012
1033
12
5440
PEEA6R3102M
6.3(7.2)
1000
1012
1260
12
5440
PEEA6R3152M
6.3(7.2)
1500
1012
1890
12
5440
PEEA10V100M
10(11.5)
10
0406
300
80
700
PEEA10V271M
10(11.5)
270
0812
540
12
4710
PEEA10V471M
10(11.5)
470
1012
940
12
5440
PEEA16V470M
16(18.4)
47
0606
150
50
1650
PEEA16V101M
16(18.4)
100
0606
320
24
2490
PEEA16V101M
16(18.4)
100
0609
320
25
2820
PEEA16V221M
16(18.4)
220
0609
704
20
3160
PEEA16V271M
16(18.4)
270
0812
864
16
4070
PEEA16V331M
16(18.4)
330
1012
1056
16
4720
PEEA16V471M
16(18.4)
470
1012
1505
16
4720
PEEA16V681M
16(18.4)
680
1012
2176
16
4720
PEEA25V150M
25(28.7)
15
0606
75
55
1600
PEEA25V270M
25(28.7)
27
0606
135
40
2100
PEEA25V470M
25(28.7)
47
0809
235
28
3130
PEEA25V680M
25(28.7)
68
0809
340
24
3380
PEEA25V101M
25(28.7)
100
0812
500
22
3600
PEEA25V221M
25(28.7)
220
1012
1100
35
3100
PEEA35V220M
35(40.2)
22
0606
154
35
2400
PEEA35V220M
35(40.2)
22
0609
154
35
2600
PEEA35V330M
35(40.2)
33
0609
231
35
2600
PEEA35V470M
35(40.2)
47
0812
329
25
2890
PEEA35V101M
35(40.2)
100
0812
700
25
2890
NOTE:
1. Test condition: 20ºC, 100kHz~300kHz
2. Test condition: 105ºC, 100kHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com