Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-R015-600 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # MF-R015-600
Description  Telecom PTC Resettable Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-R015-600 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  MF-R015-600 Datasheet HTML 1Page - Bourns Electronic Solutions MF-R015-600 Datasheet HTML 2Page - Bourns Electronic Solutions MF-R015-600 Datasheet HTML 3Page - Bourns Electronic Solutions MF-R015-600 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
Radial Leaded Devices
Maximum 600 VAC interrupt fault rating
Available in matched resistance “bins”
Ability to withstand lightning surges
RoHS compliant*
Agency recognition:
Applications
Customer Premise Equipment (CPE):
Modems
Cable modems
Fax machines
POS equipment
Security equipment
Set top boxes
MF-R/600 Series - Telecom PTC Resettable Fuses
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Electrical Characteristics
Model
Max.
Operating
Voltage
(VDC)
Max.
Interrupt
Ratings
Hold
Current
Trip
Current
Initial Resistance
One Hour
Post-Trip
Resistance
Max. Time
To Trip @
1 A
Tripped
Power
Dissipation
Volts
Amps
Amps
at 23
°C
Amps
at 23
°C
Ohms
at 23
°C
Ohms
at 23
°C
Ohms
at 23
°C
Seconds
at 23
°C
Watts
at 23
°C
Max.
Max.
Min.
Max.
Max.
MF-R015/600
250
600
3
0.15
0.30
6.0
12.0
22.0
5.0
1.0
MF-R015/600-A
250
600
3
0.15
0.30
7.0
10.0
20.0
5.0
1.0
MF-R015/600-B
250
600
3
0.15
0.30
9.0
12.0
22.0
5.0
1.0
MF-R015/600-F
250
600
3
0.15
0.30
7.0
12.0
22.0
5.0
1.0
MF-R016/600
250
600
3
0.16
0.32
4.0
10.0
18.0
7.0
1.0
MF-R016/600-A
250
600
3
0.16
0.32
4.0
7.0
16.0
7.0
1.0
MF-R016/600-1
250
600
3
0.16
0.32
4.0
8.0
17.0
7.0
1.0
Environmental Characteristics
Operating/Storage Temperature ........................... -40 °C to +85 °C
Maximum Device Surface Temperature
in Tripped State ................................................. 125 °C
+60 °C, 1000 hours............................................... ±5 % typical resistance change
Humidity Aging...................................................... +85 °C, 85 % R.H. 500 hours ............................... ±5 % typical resistance change
Thermal Shock ..................................................... MIL-STD-202F, Method 107G,
+125 °C to -55 °C,10 times................................... ±15 % typical resistance change
Solvent Resistance............................................... MIL-STD-202, Method 215B................................. No change
Lead Solderability ................................................. ANSI/J-STD-002
Flammability ......................................................... IEC 695-2-2 .......................................................... No Flame for 60 secs.
Vibration ............................................................... MIL-STD-883C, Method 2007.1, Condition A ....... No change
Test Procedures And Requirements For Model MF-R/600 Series
Test
Test Conditions
Accept/Reject Criteria
Visual/Mech. ......................................................... Verify dimensions and materials ........................... Per MF physical description
Resistance............................................................ In still air @ 23 °C ................................................. Rmin
≤ R ≤ Rmax
Time to Trip........................................................... 1 A, Vmax, 23 °C .................................................. T
≤ max. time to trip (seconds)
Hold Current ......................................................... 30 min. at Ihold ..................................................... No trip
Trip Cycle Life....................................................... Vmax, Itrip, 100 cycles.......................................... No arcing or burning
Trip Endurance ..................................................... Vmax, 24 hours..................................................... No arcing or burning
UL File Number .................................................... E307915
TÜV File Number.................................................. R 50256529
Thermal Derating Chart - Ihold (Amps)
Model
Ambient Operating Temperature
-40 °C
-20 °C
0 °C
23 °C
40 °C
50 °C
60 °C
70 °C
85 °C
MF-R015/600
0.233
0.206
0.178
0.150
0.124
0.110
0.096
0.083
0.062
MF-R016/600
0.249
0.219
0.190
0.160
0.132
0.117
0.103
0.088
0.066
Itrip is approximately two times Ihold.


Similar Part No. - MF-R015-600

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-R015/600 BOURNS-MF-R015/600 Datasheet
209Kb / 4P
Telecom PTC Resettable Fuses
MF-R015/600-A BOURNS-MF-R015/600-A Datasheet
209Kb / 4P
Telecom PTC Resettable Fuses
MF-R015/600-A05-0 BOURNS-MF-R015/600-A05-0 Datasheet
209Kb / 4P
Telecom PTC Resettable Fuses
MF-R015/600-A05-2 BOURNS-MF-R015/600-A05-2 Datasheet
209Kb / 4P
Telecom PTC Resettable Fuses
MF-R015/600-B BOURNS-MF-R015/600-B Datasheet
209Kb / 4P
Telecom PTC Resettable Fuses
More results

Similar Description - MF-R015-600

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MFRX250 BOURNS-MFRX250 Datasheet
329Kb / 5P
Telecom PTC Resettable Fuses
MF-SM013 BOURNS-MF-SM013 Datasheet
203Kb / 4P
Telecom PTC Resettable Fuses
MF-R600 BOURNS-MF-R600 Datasheet
209Kb / 4P
Telecom PTC Resettable Fuses
MF-RX012 BOURNS-MF-RX012_07 Datasheet
337Kb / 5P
Telecom PTC Resettable Fuses
MF-SD013-250 BOURNS-MF-SD013-250 Datasheet
278Kb / 3P
Telecom PTC Resettable Fuses
MF-SD013 BOURNS-MF-SD013_11 Datasheet
331Kb / 3P
Telecom PTC Resettable Fuses
MF-RX250 BOURNS-MF-RX250_11 Datasheet
283Kb / 5P
Telecom PTC Resettable Fuses
MF-SD013 BOURNS-MF-SD013_12 Datasheet
340Kb / 3P
Telecom PTC Resettable Fuses
MF-RX012-250 BOURNS-MF-RX012-250 Datasheet
728Kb / 6P
Telecom PTC Resettable Fuses
MF-SM013-250-2 BOURNS-MF-SM013-250-2 Datasheet
301Kb / 4P
Telecom PTC Resettable Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com