Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-R015-600 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # MF-R015-600
Description  Telecom PTC Resettable Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-R015-600 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  MF-R015-600 Datasheet HTML 1Page - Bourns Electronic Solutions MF-R015-600 Datasheet HTML 2Page - Bourns Electronic Solutions MF-R015-600 Datasheet HTML 3Page - Bourns Electronic Solutions MF-R015-600 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
MF-R/600 Series - Telecom PTC Resettable Fuses
Product Dimensions
DIMENSIONS:
MM
(INCHES)
Model
A
Max.
B
Max.
C
Max.
D
Min.
E
Nom.
Physical Characteristics
Style
Lead Dia.
Material
MF-R015/600
13.5
(0.531)
12.6
(0.496)
6.0
(0.236)
4.7
(0.185)
5.0
(0.197)
1
0.65
(0.026)
Sn/Cu
MF-R016/600
16.0
(0.629)
12.6
(0.496)
6.0
(0.236)
4.7
(0.185)
5.0
(0.197)
1
0.65
(0.026)
Sn/Cu
Packaging options: BULK: 500 pcs. per bag.
TAPE & REEL: 600 pcs. per reel.
Longer lead lengths available upon request.
Additional Features
Ability to withstand AC power cross conditions
MF-R/600, REV. K, 09/15
Typical Time to Trip at 23 ˚C
How to Order
MF - R 015/600 - A 05 - 2
Multifuse®
Product
Designator
Series
R = Radial Leaded
Component
Hold Current, Ihold
015-016 (0.15 - 0.16 Amps)
Max. Interrupt Voltage, V
Resistance Range
• Narrow resistance ranges are
available on all models as defined in
Electrical Characteristics.
• Blank = N/A
Resistance Bins
• Narrow resistance ranges can be
separated into packages where each
device is within 0.5 ohms of each other.
• Blank = N/A
Packaging Options
- 0 = Bulk Packaging
- 2 = Tape and Reel*
*Packaged per EIA486-B
Typical Part Marking
Represents total content. Layout may vary.
E
D
B
C
A
R015
24001K
MANUFACTURER'S
TRADEMARK
PART
IDENTIFICATION
DATE CODE
(FIRST DIGIT =
LAST DIGIT OF YEAR;
SECOND DIGIT =
MONTH;
NEXT THREE DIGITS =
LOT CODE)
MFG. LOCATION
(K = KOREA
S = CHINA
T = TAIWAN)
1000
100
10
1
0.10
0.00
Fault Current (Amps)
0.50
1.00
1.50
2.00
2.50
3.00
MF-R016/600
MF-R015/600
Resistance Options
Model
Rmin.
Rmax.
R1Max.
Bin
MF-R015/600
6.0
12.0
22.0
N/A
MF-R015/600-A
7.0
10.0
20.0
0.5
MF-R015/600-B
9.0
12.0
22.0
0.5
MF-R015/600-F
7.0
12.0
22.0
0.5
MF-R016/600
4.0
10.0
18.0
N/A
MF-R016/600-A
4.0
7.0
16.0
0.5
MF-R016/600-1
4.0
8.0
17.0
0.5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com