Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL600 Datasheet(PDF) 1 Page - AverLogic Technologies Inc

Part # AL600
Description  DTV Controller
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVERLOGIC [AverLogic Technologies Inc]
Direct Link  http://www.averlogic.com
Logo AVERLOGIC - AverLogic Technologies Inc

AL600 Datasheet(HTML) 1 Page - AverLogic Technologies Inc

  AL600 Datasheet HTML 1Page - AverLogic Technologies Inc AL600 Datasheet HTML 2Page - AverLogic Technologies Inc AL600 Datasheet HTML 3Page - AverLogic Technologies Inc AL600 Datasheet HTML 4Page - AverLogic Technologies Inc AL600 Datasheet HTML 5Page - AverLogic Technologies Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AL600 Flyer Rev. C1.3
1
AL600
DTV Controller
Applications
PIP HDTV/TV/VGA Scan Convert Box
PIP TV to PC Monitor Format/Scan Rate
Converter
PIP Video Enhancer/Advanced TV Tuner
box
PIP DTV & Progressive Scan TVs
Description
AL600 is a highly integration video processor
which supports dual-port input with multiple
graphics/video formats capable and mixing
captured frames output with scaling, overlaying
and alpha blending effects…etc. It can be used
for most video conversion and processing
applications.
AL600 is equipped with a high quality scaling
engine that automatically maintains full screen
output display, regardless of the resolution of the
incoming
signals.
Applying
AverLogic’s
proprietary scaling algorithm, the primary input
video can be scaled up and scaled down
independently in horizontal & vertical directions. It
also provides film mode detection, advanced
Motion Adaptive de-interlacing, filtering, and
scaling which’s able to convert and process the
interlaced video to be displayed on progressive
outputs.
General Features
Support Digital RGB/YUV Dual inputs and
Non-interlaced RGB/YPbPr Analog output
Dual Input Ports for Video & VGA PIP
overlaying
Film Mode Detection with Inverse 3:2/2:2
Pull Down supported
Advanced Motion Adaptive De-interlacing
AverLogic’s Proprietary Scaling Algorithm for
Scaling Up and Down
Built-in 2K Bytes OSD RAM and support
External OSD ROM
Available in 208-pin PQFP
2.5V Core and 3.3V I/O power supplies with
5V input tolerant
Document No. 1-F-PMK212-0001


Similar Part No. - AL600

ManufacturerPart #DatasheetDescription
logo
Elma Electronic Ltd
AL600 ELMA-AL600 Datasheet
1Mb / 12P
Single Pair Ethernet Switch
More results

Similar Description - AL600

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB86619 FUJITSU-MB86619 Datasheet
39Kb / 2P
IEEE 1394 Serial Bus Controller for DTV
logo
Texas Instruments
SN761662 TI-SN761662 Datasheet
974Kb / 20P
DTV TUNER IC
SN761664 TI-SN761664 Datasheet
454Kb / 22P
DTV TUNER IC
logo
Zoran Corporation
CAS-220 ZORAN-CAS-220 Datasheet
95Kb / 2P
DTV Demodulator IC
SUPRAHD-660 ZORAN-SUPRAHD-660 Datasheet
79Kb / 2P
DTV Reference Design
SUPRAHD-680 ZORAN-SUPRAHD-680 Datasheet
95Kb / 2P
DTV Reference Design
logo
GENESYS LOGIC
GL861 GENESYS-GL861 Datasheet
412Kb / 19P
USB 2.0 Controller for PC-DTV Application
logo
Texas Instruments
SN761662 TI1-SN761662_14 Datasheet
991Kb / 23P
DTV TUNER IC
logo
Panasonic Semiconductor
AN34043AA PANASONIC-AN34043AA Datasheet
3Mb / 17P
DTV System Power Supply
logo
Renesas Technology Corp
ICS3771-18 RENESAS-ICS3771-18 Datasheet
352Kb / 9P
DTV, STB CLOCK SOURCE
111307
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com