Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL600 Datasheet(PDF) 2 Page - AverLogic Technologies Inc

Part # AL600
Description  DTV Controller
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVERLOGIC [AverLogic Technologies Inc]
Direct Link  http://www.averlogic.com
Logo AVERLOGIC - AverLogic Technologies Inc

AL600 Datasheet(HTML) 2 Page - AverLogic Technologies Inc

  AL600 Datasheet HTML 1Page - AverLogic Technologies Inc AL600 Datasheet HTML 2Page - AverLogic Technologies Inc AL600 Datasheet HTML 3Page - AverLogic Technologies Inc AL600 Datasheet HTML 4Page - AverLogic Technologies Inc AL600 Datasheet HTML 5Page - AverLogic Technologies Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AL600 Flyer Rev. C1.3
2
Function Block Diagram
Features
Input Interface:
Primary input resolution supports up to
1280x1024 @60Hz
Simultaneous Primary and Secondary input
for PIP overlaying (Video over Graphics or
Video over Video)
Input resolution support:
VGA up to SXGA(RGB 24bit) and HDTV
TV(NTSC/PAL)
Video interface supports ITU-R 656-8bit,
YUV422
Output Interface:
Output resolution up to 1280x1024 @60Hz
Non-interlaced RGB/YPbPr Analog output
supported
SDRAM Interface:
Support maximum 48bit bus width SDRAM
interface, two or three of SDRAM
configuration up to 125 MHz supported
Scan Rate & Format Conversion:
De-Interlacing for Interlaced Video Input
Film Detection with Inverse 3:2 & 2:2 pull
down supported
Advanced Motion Adaptive De-interlacing with
Spatial and Temporal Filtering support
Frame Rate Conversion(FRC) from 50Hz up
to 120Hz
Zoom engine and DSP:
Independent Scale Up and Down in both
Horizontal and Vertical direction with 4-line,
high precision interpolation
Digital Brightness/ Contrast/ Saturation



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com