Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM54194 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM54194
Description  4-Bit Bidirectional Universal Shift Registers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM54194 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DM54194 Datasheet HTML 1Page - National Semiconductor (TI) DM54194 Datasheet HTML 2Page - National Semiconductor (TI) DM54194 Datasheet HTML 3Page - National Semiconductor (TI) DM54194 Datasheet HTML 4Page - National Semiconductor (TI) DM54194 Datasheet HTML 5Page - National Semiconductor (TI) DM54194 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Switching Characteristics at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load)
Symbol
Parameter
From (Input)
RL e 400X CL e 15 pF
Units
To (Output)
Min
Max
fMAX
Maximum Clock Frequency
25
MHz
tPLH
Propagation Delay Time
Clock
22
ns
Low to High Level Output
to Q
tPHL
Propagation Delay Time
Clock
26
ns
High to Low Level Output
to Q
tPHL
Propagation Delay Time
Clear
30
ns
High to Low Level Output
to Q
Function Table
Inputs
Outputs
Clear
Mode
Clock
Serial
Parallel
QA
QB
QC
QD
S1
S0
Left
Right
A
B
C
D
LX
X
X
X
X
X
X
X
X
L
L
L
L
HX
X
L
X
X
X
X
X
X
QA0
QB0
QC0
QD0
HH
H
u
XX
a
b
c
d
a
b
c
d
HL
H
u
XH
X
X
X
X
H
QAn
QBn
QCn
HL
H
u
XL
X
X
X
X
L
QAn
QBn
QCn
HH
L
u
HX
X
X
X
X
QBn
QCn
QDn
H
HH
L
u
LX
X
X
X
X
QBn
QCn
QDn
L
HL
L
X
X
X
X
X
X
X
QA0
QB0
QC0
QD0
H e High Level (steady state) L e Low Level (steady state) X e Don’t Care (any input including transitions)
u e Transition from low to high level a b c d e The level of steady state input at inputs A B C or D respectively
QA0 QB0 QC0 QD0 e The level of QA QB QC orQD respectively before the indicated steady state input conditions were established
QAn QBn QCn QDn e The level of QA QB QC respectively before the most recent
u transition of the clock
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com