Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM54194 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM54194
Description  4-Bit Bidirectional Universal Shift Registers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM54194 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DM54194 Datasheet HTML 1Page - National Semiconductor (TI) DM54194 Datasheet HTML 2Page - National Semiconductor (TI) DM54194 Datasheet HTML 3Page - National Semiconductor (TI) DM54194 Datasheet HTML 4Page - National Semiconductor (TI) DM54194 Datasheet HTML 5Page - National Semiconductor (TI) DM54194 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF6564
June 1989
DM54194
4-Bit Bidirectional Universal Shift Registers
General Description
This bidirectional shift register is designed to incorporate
virtually all of the features a system designer may want in a
shift register it features parallel inputs parallel outputs
right-shift and left-shift serial inputs operating-mode-control
inputs and a direct overriding clear line The register has
four distinct modes of operation namely
Parallel (broadside) load
Shift right (in the direction QA toward QD)
Shift left (in the direction QD toward QA)
Inhibit clock (do nothing)
Synchronous parallel loading is accomplished by applying
the four bits of data and taking both mode control inputs S0
and S1 high The data is loaded into the associated flip-
flops and appears at the outputs after the positive transition
of the clock input During loading serial data flow is inhibit-
ed
Shift right is accomplished synchronously with the rising
edge of the clock pulse when S0 is high and S1 is low
Serial data for this mode is entered at the shift-right data
input When S0 is low and S1 is high data shifts left syn-
chronously and new data is entered at the shift-left serial
input
Clocking of the flip-flop is inhibited when both mode control
inputs are low
The mode controls of the DM54194
DM74194 should be changed only while the clock input is
high
Features
Y
Parallel inputs and outputs
Y
Four operating modes
Synchronous parallel load
Right shift
Left shift
Do nothing
Y
Positive edge-triggered clocking
Y
Direct overriding clear
Y
Typical clock frequency 36 MHz
Y
Typical power dissipation 195 mW
Connection Diagram
Dual-In-Line Package
TLF6564 – 1
Order Number DM54194J or DM54194W
See NS Package Number J16A or W16A
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DM54194

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM54191J NSC-DM54191J Datasheet
129Kb / 6P
Synchronous Up/Down 4-Bit Binary Counter with Mode Control
DM54191W NSC-DM54191W Datasheet
129Kb / 6P
Synchronous Up/Down 4-Bit Binary Counter with Mode Control
DM54193 NSC-DM54193 Datasheet
121Kb / 5P
Synchronous Up/Down 4-Bit Binary Counter with Dual Clock
DM54193J NSC-DM54193J Datasheet
121Kb / 5P
Synchronous Up/Down 4-Bit Binary Counter with Dual Clock
DM54193W NSC-DM54193W Datasheet
121Kb / 5P
Synchronous Up/Down 4-Bit Binary Counter with Dual Clock
More results

Similar Description - DM54194

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF40194B PHILIPS-HEF40194B Datasheet
73Kb / 8P
4-bit bidirectional universal shift register
January 1995
logo
Texas Instruments
SN54194 TI-SN54194 Datasheet
454Kb / 11P
4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTERS
logo
Hitachi Semiconductor
HD74LS194A HITACHI-HD74LS194A Datasheet
97Kb / 7P
4-bit Bidirectional Universal Shift Registers
logo
National Semiconductor ...
MM74HC194 NSC-MM74HC194 Datasheet
135Kb / 6P
4-Bit Bidirectional Universal Shift Register
DM54S194 NSC-DM54S194 Datasheet
128Kb / 6P
4-Bit Bidirectional Universal Shift Registers
logo
Motorola, Inc
MC74F194 MOTOROLA-MC74F194 Datasheet
97Kb / 3P
4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
Fairchild Semiconductor
74F194 FAIRCHILD-74F194_04 Datasheet
66Kb / 6P
4-Bit Bidirectional Universal Shift Register
logo
Renesas Technology Corp
HD74LS194A RENESAS-HD74LS194A Datasheet
192Kb / 8P
4-bit Bidirectional Universal Shift Register
logo
Texas Instruments
SN54194 TI1-SN54194_15 Datasheet
462Kb / 14P
4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTERS
SN54AS194 TI1-SN54AS194_14 Datasheet
537Kb / 17P
4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com